Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F040-150LI Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS29F040-150LI
Description  5V 512K x 8 CMOS FLASH EEPROM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F040-150LI Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS29F040-150LI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F040-150LI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F040-150LI Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F040-150LI Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F040-150LI Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F040-150LI Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F040-150LI Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F040-150LI Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F040-150LI Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
®
$65<)373
$65<)373
$65<)373
$65<)373
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
','#440533440$1#728233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
44
44
44
44
0DUFK#5333
0DUFK#5333
0DUFK#5333
0DUFK#5333
'&#HOHFWULFDO#FKDUDFWHULVWLFV
9&&# #813±3189
* Not more than one output tested simultaneously. Duration of the short circuit must not be >1 second.
OUT = 0.5V was selected to avoid test problems
caused by tester ground degradation. (This parameter is sampled and not 100% tested, but guaranteed by characterization.)
† The I
CC current listed includes both the DC operating current and the frequency dependent component (@ 6 MHz). The frequency component typically is
less than 2 mA/MHz with
OE at VIH.
** I
CC active while program or erase operations are in progress.
0D[LPXP#QHJDWLYH#RYHUVKRRW#ZDYHIRUP
0D[LPXP#SRVLWLYH#RYHUVKRRW#ZDYHIRUP
Parameter
Symbol
Test conditions
Min
Max
Unit
Input load current
ILI
VIN = VSS to VCC, VCC = VCC MAX
-±1
µA
A9 Input load current
ILIT
VCC = VCC MAX, A9 = 12.5V
90
µA
Output leakage current
ILO
VOUT = VSS to VCC, VCC = VCC MAX
-±1
µA
Output short circuit current*
IOS
VOUT = 0.5V
-
200
mA
Active current, read @ 6MHz
†
ICC
CE = VIL, OE = VIH
-30
mA
Active current, program/erase**
ICC2
CE = VIL, OE = VIH
-60
mA
Standby current (TTL)
ISB1
CE = OE = VIH, VCC = VCC MAX
-1.0
mA
Standby current (CMOS)
ISB2
CE = VCC + 0.5V, OE = VIH,
VCC = VCC MAX
-400
µA
Input low voltage
VIL
-0.5
0.8
V
Input high voltage
VIH
2.0
VCC + 0.5
V
Output low voltage
VOL
IOL = 12mA, VCC = VCC MIN
-0.45
V
Output high voltage
VOH1
IOH = -2.5 mA, VCC = VCC MIN
2.4
-
V
VOH2
IOH = -100 µA, VCC = VCC MIN
VCC - 0.4
-
V
Low VCC lock out voltage
VLKO
2.8
4.2
V
Input HV select voltage
VID
11.5
12.5
V
20 ns
20 ns
20 ns
-2.0V
-0.5V
+0.8V
20 ns
20 ns
20 ns
VCC + 2.0V
VCC + 0.5V
+ 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com