Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS29F200B-90SC Datasheet(PDF) 11 Page - Alliance Semiconductor Corporation

Part # AS29F200B-90SC
Description  5V 256K x 8/128K x 8 CMOS FLASH EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS29F200B-90SC Datasheet(HTML) 11 Page - Alliance Semiconductor Corporation

Back Button AS29F200B-90SC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS29F200B-90SC Datasheet HTML 15Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
®
$65<)533
$65<)533
$65<)533
$65<)533
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
3UHOLPLQDU\#LQIRUPDWLRQ
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
','#4407333<0$1#72:233
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
$//,$1&(#6(0,&21'8&725
44
44
44
44
7HPSRUDU\#VHFWRU#XQSURWHFW
7HPSRUDU\#VHFWRU#XQSURWHFW#ZDYHIRUP#
'&#HOHFWULFDO#FKDUDFWHULVWLFV
9&&# #813±3189
1
Not more than one output tested simultaneously. Duration of the short circuit must not be >1 second. OUT = 0.5V was selected to avoid test problems
caused by tester ground degradation. (This parameter is sampled and not 100% tested, but guaranteed by characterization.)
2The ICC current listed includes both the DC operating current and the frequency dependent component (@ 6 MHz). The frequency componenttypically
is less than 2 mA/MHz with OE at VIH.
3ICC active while program or erase operations are in progress.
.H\#WR#VZLWFKLQJ#ZDYHIRUPV
Parameter
Symbol
All speeds
Unit
VID rise and fall time
tVIDR
500 (min)
ns
RESET# setup time for temporary sector unprotect
tRSP
4 (min)
µs
Parameter
Symbol
Test conditions
Min
Max
Unit
Input load current
ILI
VIN = VSS to VCC, VCC = VCCMAX
-±1
µA
A9 Input load current
ILIT
VCC = VCCMAX, A9 = 12.5V
90
µA
Output leakage current
ILO
VOUT = VSS to VCC, VCC = VCCMAX
-±1
µA
Output short circuit current
1
IOS
VOUT = 0.5V
-
200
mA
Active current, read @ 6MHz2
ICC
CE = VIL, OE = VIH
-40
mA
Active current, program/erase
3
ICC2
CE = VIL, OE = VIH
-60
mA
Standby current (TTL compatible)
ISB1
CE = OE = VIH, VCC = VCCMAX
-400
µA
Deep power down
ISB2
RP = 0V
-
1
µA
Input low voltage
VIL
-0.5
0.8
V
Input high voltage
VIH
2.0
VCC + 0.3
V
Output low voltage
VOL
IOL = 5.8mA, VCC = VCC MIN
-0.45
V
Output high level
VOH1
IOH = -2.5 mA, VCC = VCC MIN
2.4
-
V
VOH2
IOH = -100 µA, VCC = VCC MIN
VCC - 0.4
-
V
Low VCC lock out voltage
VLKO
2.8
4.2
V
Input HV select voltage
Vh
11.5
12.5
V
RESET
CE
WE
RY/BY
tRSP
tVIDR
tVIDR
Program/erase command sequence
0 or 1.8V
10V
Undefined output/don’t care
Falling input
Rising input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com