Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVK-R500S Datasheet(PDF) 5 Page - u-blox AG

Part # EVK-R500S
Description  SARA-R5 series cellular evaluation kits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  U-BLOX [u-blox AG]
Direct Link  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

EVK-R500S Datasheet(HTML) 5 Page - u-blox AG

  EVK-R500S Datasheet HTML 1Page - u-blox AG EVK-R500S Datasheet HTML 2Page - u-blox AG EVK-R500S Datasheet HTML 3Page - u-blox AG EVK-R500S Datasheet HTML 4Page - u-blox AG EVK-R500S Datasheet HTML 5Page - u-blox AG EVK-R500S Datasheet HTML 6Page - u-blox AG EVK-R500S Datasheet HTML 7Page - u-blox AG EVK-R500S Datasheet HTML 8Page - u-blox AG EVK-R500S Datasheet HTML 9Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
EVK-R5 - User guide
UBX-19042592 - R05
Starting up
Page 5 of 23
C1-Public
1.2 Block diagram
Figure 2 shows the main interfaces and internal connections of the EVK-R5 evaluation kit:
SIM
card holder
(J300)
Reset
(SW303)
Power-on
(SW302)
SARA-R5 adapter board
SARA-R5
cellular
module
EVB-WL3
GNSS
module
GNSS adapter board
RF_IN
USB
UART
converter
Cellular USB
(single UART)
(J501)
Cellular RS232
(single UART)
(J500)
RS232
UART
converter
UART
MiniUSB/DB9
switch
(SW403)
On-board/B2B
switch
(SW401)
USB
I2C
Step - down
Main power switch
(SW400)
12 V
(J400)
3.8 V
VCC jumper
(J404)
LDO
GPIO2/3/4
GNSS switch
(SW304)
Native
USB
(J105)
CEL
ANT
(J106)
Cellular USB
(two UARTs)
(J201)
GNSS
ANT
(J112)
USB
UART
converter
VCC jumper
(J109)
Figure 2: Block diagram of the EVK-R5 for SARA-R5 modules
The EVK-R5 evaluation kit is formed by three boards:
1.
The lower one, called EVB-WL3, contains the power supply and other peripherals for the u-blox
SARA-R5 series cellular module (such as SIM card holder, reset button and power-on button).
2.
The cellular adapter board, called ADP-R5, contains the u-blox SARA-R5 cellular module, antenna
connectors for the cellular RF interface and the GNSS RF interface1 of the SARA-R5 module, USB
connectors for the two UART interfaces and the USB interface of the SARA-R5 module, and the
DIL header connectors (J300 and J301) making accessible interfaces of the SARA-R5 module.
3.
The GNSS adapter board, called ADP-GNSS, contains the u-blox GNSS module, the GNSS
antenna connector and the USB connector for the GNSS module.
The cellular and the GNSS adapter boards are connected by means of male header board-to-board
connectors provided on the bottom of the adapter boards and their corresponding female connectors
provided on top of the lower board, called EVB-WL3.
If the on-board / B2B switch (SW401) is set to “on-board”, then the single UART interface (with the
default USIO variant 0 setting, or the USIO variant 1 setting) is available on DIL connectors on the
cellular adapter board. It is routed up to the RS232 DB9 connector (J500) or the USB connector (J501)
mounted on the EVB-WL3 board according to the settings of the mini-USB / DB9 switch (SW403).
If the on-board / B2B switch (SW401) is set to “B2B”, then the two UART interfaces (with the +USIO
variant 2, 3 or 4 setting) are available on the USB connector (J201) mounted on the cellular adapter
board.
The USB interface of the cellular module (available for diagnostic purpose only) is available on the
native USB connector (J105) mounted on the cellular adapter board.
Other SARA-R5 series peripherals are available on the dual-in-line male board-to-board connectors
provided on the top layer of the cellular adapter board (J300 and J301), which are pin-to-pin
compatible to the connectors on the bottom layer of the adapter board.
The lower board (EVB-WL3) is also designed to be used with other u-blox cellular adapter boards. It
contains additional switches, jumpers, connectors, LEDs and parts that may be only partially
described in Figure 1 or in this document, because they are intended for use only with other u-blox
cellular modules. It is recommended to leave any additional connector unconnected and any additional
switch in its default configuration.
1 EVK-R510M8S only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com