Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2109A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2109A
Description  Low Power EMI Reduction IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2109A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2109A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2109A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2109A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2109A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2109A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2109A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2109A Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2003
ASM3P2109A
rev 0.3
PRELIMINARY INFORMATION
Alliance Semiconductor
2575, Augustine Drive  Santa Clara, CA  Tel: 408.855.4900  Fax: 408.855.4999  www.alsc.com
Notice: The information in this document is subject to change without notice.
Low Power EMI Reduction IC
Features
FCC approved method of EMI attenuation.
Provides up to 15dB EMI reduction.
Generates a 4X REF EMI spread output
Spectrum clock of the input frequency.
Optimized for input frequency range from
10 to 20MHz.
External Loop Filter for configurability and
flexibility in application and design (spread
percentage adjust)
Reference Output
Power Down Mode
Very Low Cycle-to-Cycle Jitter.
3.3V operating Range
CMOS / TTL compatible inputs and outputs
Available in 8-pin SOIC and 8-pin TSSOP
packages.
Product Description
The ASM3P2109A device is a versatile spread spectrum
Frequency Synthesizer / Modulator designed specifically
for a wide Range of input clock frequencies from 10MHz to
20MHz with a 4X multiplier for output clock frequencies
from 40MHz to 80 MHz.
The ASM3P2109A generates an EMI reduced clock signal
from a crystal, ceramic resonator, or system clock.
The
ASM3P2109A generates a range of modulation rates and
deviations (spread) from Center Frequency based upon the
input frequency, and is set / determined via an external
filter network ( see Loop Filter Selection table )
The ASM3P2109A reduces Electro Magnetic Interference
(EMI), at the Clock Source, allowing system wide reduction
of EMI on downstream clock and data dependant signals.
The resulting EMI reduction provides for significant cost
savings by reducing the number of circuit board layers and
shielding that are traditionally associated with designs in
order to achieve EMI regulatory compliance.
The ASM3P2109A modulates the output of a single
PLL in order to “spread” the bandwidth of a
synthesized clock, thereby decreasing the Peak
amplitudes of its associated harmonics. This results
in significantly lower radiated EMI compared to the
narrow band signal produced by standard oscillators
and most clock synthesizers & generators. This
technique of lowering EMI by increasing the signals
bandwidth is called Spread Spectrum Clocking
(SSC). The ASM3P2109A utilizes the most efficient
and optimized modulation profile approved by the
FCC, and is implemented using a proprietary, All-
Digital method.
Applications
The ASM3P2109A is targeted towards the Consumer
and PC/Data Processing, or Computation markets.
Entertainment devices, LCD displays, Notebook
computers, PC peripheral devices, embedded
systems, PDA’s, and hand held devices provide a
platform to take full advantage of the feature set of
the ASM3P2109A.


Similar Part No. - ASM3P2109A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2107A ALSC-ASM3P2107A Datasheet
325Kb / 7P
Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2107A PULSECORE-ASM3P2107A Datasheet
305Kb / 7P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
107Kb / 6P
Peak EMI Reducing Solution
August, 2011 ??Rev. P2
logo
Alliance Semiconductor ...
ASM3P2107A-08-SR ALSC-ASM3P2107A-08-SR Datasheet
325Kb / 7P
Peak EMI Reducing Solution
More results

Similar Description - ASM3P2109A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2811A ALSC-ASM3P2811A Datasheet
159Kb / 8P
Low Power EMI Reduction IC
ASM3P2821B ALSC-ASM3P2821B Datasheet
174Kb / 7P
Low Power EMI Reduction IC
ASM3P5821A ALSC-ASM3P5821A Datasheet
173Kb / 7P
Low Power EMI Reduction IC
P2010A ALSC-P2010A Datasheet
457Kb / 9P
Low Frequency EMI Reduction IC
P2811 ALSC-P2811 Datasheet
382Kb / 8P
Low-Power EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P2811A PULSECORE-ASM3P2811A Datasheet
450Kb / 11P
Low Power EMI Reduction IC
ASM3P2811A PULSECORE-ASM3P2811A_1 Datasheet
156Kb / 11P
Low Power EMI Reduction IC
PCS3P2537A PULSECORE-PCS3P2537A Datasheet
278Kb / 7P
Low Power Peak EMI Reduction IC
logo
ON Semiconductor
ASM3P2811A ONSEMI-ASM3P2811A Datasheet
134Kb / 9P
Low Power EMI Reduction IC
August, 2011 ??Rev. 3
P2811A ONSEMI-P2811A Datasheet
136Kb / 6P
Low Power EMI Reduction IC
JUNE 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com