Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2190A Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM3P2190A
Description  Peak Reducing EMI Solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2190A Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

  ASM3P2190A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2190A Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Peak Reducing EMI Solution
6 of 7
November 2003
ASM3P2190A
rev 1.0
Notice: The information in this document is subject to change without notice.
Ordering Codes
Ordering Number
Marking
Package Type
Quantity
per reel
Temperature
ASM3P2190A-08ST
ASM3P2190A
8-pin SOIC, tube
0° C to 70°C
ASM3P2190A-08SR
ASM3P2190A
8-pin SOIC, tape and reel
2500
0° C to 70°C
ASM3P2190A-08TT
ASM3P2190A
8-pin TSSOP, tube
0° C to 70°C
ASM3P2190A-08TR
ASM3P2190A
8-pin TSSOP, tape and reel
2500
0° C to 70°C
Ordering Information
ASM3P2190A-08ST
OR - SOT23/T/R
SR - SOIC, T/R
TT – TSSOP, TUBE
QR – QFN, T/R
TR - TSSOP, T/R
QT - QFN, TUBE
VT – TVSOP, TUBE
BT - BGA, TUBE
VR – TVSOP, T/R
BR – BGA, T/R
ST – SOIC, TUBE
PART NUMBER
X = Automotive
I = Industrial
P or n/c = Commercial
1 – reserved
6 – power management
2 - Non PLL based
7 – power management
3 – EMI Reduction
8 – power management
4 – DDR support products
9 – Hi performance
5 – STD Zero Delay Buffer
0 - reserved
Alliance Semiconductor Mixed Signal Product
PIN COUNT



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com