Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST87XA Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # PST87XA
Description  CMOS System Reset IC built-in delay time circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST87XA Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button PST87XA Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 9Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 10Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 11Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 12Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 13Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
CMOS System Reset IC built-in delay time circuit PST87XX, 88XX Series
Measuring Circuit
PST87XX * 1 - 5 in the circuit diagram is pin number for the SOT-25A package.
4
1
5
2
VDD
GND
M/R
RL
RESET
VIN
V
(1)
4
1
5
2
VDD
GND
M/R
RESET
VIN
A
(2)
4
1
5
2
VDD
GND
M/R
OUT
VIN
V
IOL
VOL
(3)
4
1
5
2
VDD
GND
M/R
RESET
VIN
(5)
4
1
5
2
VDD
GND
M/R
OUT
VIN
V
IOL
VOL
(4)
tRP
GND
GND
50%
100%
VTH–0.4V
VTH
Input Voltage
Output Voltage
tRD
4
1
5
2
VDD
GND
M/R
RESET
VIN
VM/R
V
RL=4.7k
(6)
4
1
5
2
VDD
GND
M/R
RESET
VIN
VM/R
V
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com