Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSP4882 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4882
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4882 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4882 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4882 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4882 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4882 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4882 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
15
25
35
40
45
246
8
10
ID=
8.0A
0
2
4
6
8
10
00.3
0.6
0.9
TJ=150℃
TJ=25℃
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
0.3
0.6
0.9
1.2
1.5
1.8
2.1
-50
0
50
100
150
Typical Characteristics
Fig.1 Typical Output Characteristics
VGS (V)
Fig.2 On-Resistance vs. G-S Voltage
VSD , Source-to-Drain Voltage (V)
Fig.3 Forward Characteristics Of Reverse
Fig.4 Gate-Charge Characteristics
TJ ,Junction Temperature
(℃)
Fig.5 Normalized VGS(th) vs. TJ
TJ , Junction Temperature (℃)
Fig.6 Normalized RDSON vs. TJ
Page 3
www.winsok.tw
Dec.2014
WSP4882
Dual N-Channel MOSFET
VDS=15V
ID=8.0A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com