Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-STWINKT1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STEVAL-STWINKT1
Description  SensorTile Wireless Industrial Node development kit and reference
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-STWINKT1 Datasheet(HTML) 3 Page - STMicroelectronics

  STEVAL-STWINKT1 Datasheet HTML 1Page - STMicroelectronics STEVAL-STWINKT1 Datasheet HTML 2Page - STMicroelectronics STEVAL-STWINKT1 Datasheet HTML 3Page - STMicroelectronics STEVAL-STWINKT1 Datasheet HTML 4Page - STMicroelectronics STEVAL-STWINKT1 Datasheet HTML 5Page - STMicroelectronics STEVAL-STWINKT1 Datasheet HTML 6Page - STMicroelectronics STEVAL-STWINKT1 Datasheet HTML 7Page - STMicroelectronics STEVAL-STWINKT1 Datasheet HTML 8Page - STMicroelectronics STEVAL-STWINKT1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
1
Application overview
Predictive maintenance applications collect and process data from a wide variety of sensors in order to identify
potential failures in machinery before they happen. A principal requirement of such applications is that the
condition monitoring equipment is placed very close to relevant machine componentry for the data to be reliable,
which is why the STWIN node is designed to be small but robust, self-powered and capable of wireless
communication.
Another application issue is the high volumes of preferably real-time data processing involved, which can
overwhelm centralized monitoring and control systems, and corresponding communication networks. Distributed
(or decentralized) computing architectures represent a valid solution to this problem by performing data pre-
processing and analytical operations directly on the node. The STWIN kit supports and can demonstrate this
concept through sample applications in the firmware package running on the STM32L4+ ultra-low-power
microcontroller embedded on the core system board.
Figure 1. STWIN core system block diagram
SPI3
ADC1
USART2
Enanced
SWD
Connector
UART5
I2C2
ADC3
GPIO
Auxiliary
Connector
DFSDM1
I2C2
IMP34DT05
Digital Microphone
LPS22HH
Pressure Sensor
HTS221
Humidity and
Temperature Sensor
STTS751
Temperature Sensor
IIS2MDC
3D Magnetometer
STM32L4R9ZIJ6
Microcontroller
Ultra Low Power
Cortex M4F@120MHz
32 kHz
Crystal
16 MHz
Crystal
SPBTLE-1S
BLE Application
Processor Module
STR485LV
RS485 Interface
SPI2
MP23ABS1
Analog Microphone
TS922EIJT
Low noise, low
distortion OpAmp
20-pin STMOD+
12-pin female sensor
connector
12-pin male
connector
40-pin Flex
STSAFE
Secure Element*
I2C2
SPIx, I2S,
USARTx,...
IIS2DH
3D Accelerometer
IIS3DWB
Vibrometer
ISM330DHCX
6-Axis IMU
USBLC6-2P6
USB ESD protection
ESDALC6V1-1U2
Single Line ESD
protection
EMIF06-MSD02N16
EMI filter and ESD
protection
STBC02
Li-Ion linerar battery
charger
ST1PS01EJR
step-down switching
regulator
LDK130
Low Noise LDO
Sensing
Processing
Connectivity
Power Mng.
Analog
Secure
* not mounted
connector
connector
Finally, the actual sensing equipment can be subject to a very wide range of low frequency (imbalance or
misalignment), medium frequency (worn gears or bearings) and high frequency (worn cooling fan bearings)
vibrations, which is why our node carries several high performance accelerometers, IMUs and magnetometers,
capable of detecting movement along 9 axes to a very high degree of sensitivity. For very high frequencies in the
order of tens of kilohertz, vibration analysis is covered by sound and ultrasound applications based on data
coming from a digital microphone and a high performance analog microphone, respectively.
RELATED LINKS
Visit the ST Condition Monitoring / Predictive Maintenance application page for more information on relevant ST applications
and solutions
STEVAL-STWINKT1
Application overview
DB3969 - Rev 4
page 3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com