| Electronic Components Datasheet Search |
|
STK2MV64CC Datasheet(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
STK2MV64CC Datasheet(HTML) 2 Page - Intel Corporation |
|
2 / 4 page ![]() A fast, efficient, and quiet system built with the Intel® Core™ m3 processor The Intel Compute Stick comes pre-installed with Windows® 10 and has the performance you need to stream media, edit photos and files, or create projects. With 64 GB of on-board storage and a micro SD card slot, you can store your files locally for quick access. There’s also Intel® Dual Band Wireless AC 8260, Intel’s fastest wireless available today, so you can connect out-of-the-box and access files in the cloud, along with built-in Bluetooth 4.2 so you can connect wireless periph- erals or easily transfer pictures from your smartphone1 to the Compute Stick’s on-board storage. And with three USB 3.0 ports,2 you can use a USB keyboard and mouse, and still have room for additional devices, such as an Intel® RealSense™ Camera or an Ethernet adapter. This tiny computer is powered by the Intel Core m3 processor which has the perfect balance of performance and efficiency to keep you productive all day long. Your system is reliable and your data is safe with the Intel® Core™ m5 vPro™ processor The Intel Compute Stick with the Intel Core m5 vPro processor is ideal for thin client, embedded, healthcare, or digital kiosks where data security, reliability, and remote manageability are crucial. The Compute Stick makes it easy to stay productive whether you’re working in a patient room, collaborating in a conference room, or moving from desk to desk in the work- place. 64 GB of onboard storage and a micro SD slot means that no matter where you go, you can carry crucial business files with you. It’s also easy to access apps and data in the cloud via the built-in Intel® 802.11ac wireless, Intel’s fastest wireless available today. And with built-in Bluetooth 4.2, you can connect wireless peripherals or easily transfer files and media from your smartphone or tablet1 to the Compute Stick’s on-board storage. Finally, there are three USB 3.0 ports so you can attach the peripherals you need. With the additional download of Intel® Unite™ software, you can plug the STK2MV64CC into a conference room display or projector and create a simple and powerful collaboration experience. Intel Unite allows all meeting participants to connect seamlessly to the Intel Compute Stick with no cables needed. Both on-site and remote workers can easily view and interact with the shared content real time. And the hardware- enhanced security of the Intel Compute Stick ensures that all data is 256-bit Secure Sockets Layer (SSL) encrypted and stays within your network. PRODUCT BRIEF Intel® Compute Stick STK2M3W64CC, STK2MV64CC 2 STK2M3W64CC STK2MV64CC |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |