Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STLD40DPUR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STLD40DPUR
Description  White LED power supply for large display backlight
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD40DPUR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STLD40DPUR Datasheet HTML 7Page - STMicroelectronics STLD40DPUR Datasheet HTML 8Page - STMicroelectronics STLD40DPUR Datasheet HTML 9Page - STMicroelectronics STLD40DPUR Datasheet HTML 10Page - STMicroelectronics STLD40DPUR Datasheet HTML 11Page - STMicroelectronics STLD40DPUR Datasheet HTML 12Page - STMicroelectronics STLD40DPUR Datasheet HTML 13Page - STMicroelectronics STLD40DPUR Datasheet HTML 14Page - STMicroelectronics STLD40DPUR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STLD40D
Package mechanical data
Doc ID 12203 Rev 7
11/16
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 7.
QFN8 (3 x 3 mm) mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
0.800.901.00
A1
0
0.02
0.05
A3
0.20
b
0.250.300.35
D
2.853.003.15
D2
2.49
2.64
2.74
E
2.853.003.15
E2
1.75
1.90
2.00
e0.65
L
0.300.400.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com