Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G071C8 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32G071C8
Description  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32G071C8 Datasheet HTML 7Page - STMicroelectronics STM32G071C8 Datasheet HTML 8Page - STMicroelectronics STM32G071C8 Datasheet HTML 9Page - STMicroelectronics STM32G071C8 Datasheet HTML 10Page - STMicroelectronics STM32G071C8 Datasheet HTML 11Page - STMicroelectronics STM32G071C8 Datasheet HTML 12Page - STMicroelectronics STM32G071C8 Datasheet HTML 13Page - STMicroelectronics STM32G071C8 Datasheet HTML 14Page - STMicroelectronics STM32G071C8 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 133 page
background image
DS12232 Rev 3
11/133
STM32G071x8/xB
Description
35
2
Description
The STM32G071x8/xB mainstream microcontrollers are based on high-performance
Arm® Cortex®-M0+ 32-bit RISC core operating at up to 64 MHz frequency. Offering a high
level of integration, they are suitable for a wide range of applications in consumer, industrial
and appliance domains and ready for the Internet of Things (IoT) solutions.
The devices incorporate a memory protection unit (MPU), high-speed embedded memories
(up to 128 Kbytes of Flash program memory with read protection, write protection,
proprietary code protection, and securable area, and 36 Kbytes of SRAM), DMA and an
extensive range of system functions, enhanced I/Os and peripherals. The devices offer
standard communication interfaces (two I2Cs, two SPIs / one I2S, one HDMI CEC, and four
USARTs), one 12-bit ADC (2.5 MSps) with up to 19 channels, one 12-bit DAC with two
channels, two fast comparators, an internal voltage reference buffer, a low-power RTC, an
advanced control PWM timer running at up to double the CPU frequency, five general-
purpose 16-bit timers with one running at up to double the CPU frequency, a 32-bit general-
purpose timer, two basic timers, two low-power 16-bit timers, two watchdog timers, and a
SysTick timer. The STM32G071x8/xB devices provide a fully integrated USB Type-C Power
Delivery controller.
The devices operate within ambient temperatures from -40 to 125°C. They can operate with
supply voltages from 1.7 V to 3.6 V. Optimized dynamic consumption combined with a
comprehensive set of power-saving modes, low-power timers and low-power UART, allows
the design of low-power applications.
VBAT direct battery input allows keeping RTC and backup registers powered.
The devices come in packages with 28 to 64 pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com