Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L476G-EVAL Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32L476G-EVAL
Description  Evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L476G-EVAL Datasheet(HTML) 2 Page - STMicroelectronics

  STM32L476G-EVAL Datasheet HTML 1Page - STMicroelectronics STM32L476G-EVAL Datasheet HTML 2Page - STMicroelectronics STM32L476G-EVAL Datasheet HTML 3Page - STMicroelectronics STM32L476G-EVAL Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Description
STM32L476G-EVAL
2/4
DocID027343 Rev 3
Description
The STM32L476G-EVAL evaluation board has been designed as a complete demonstration
and development platform for STMicroelectronics ARM® Cortex®-M4 core-based
STM32L476ZGT6 microcontroller with three I²C buses, three SPI interfaces, six USART
ports, CAN port, SWPMI, two SAI ports, 12-bit ADC, 12-bit DAC, LCD driver, internal
128-Kbyte SRAM and 1-Mbyte Flash memory, Quad-SPI port, touch-sensing capability,
USB OTG FS port, LCD controller, Flexible Memory Controller (FMC), JTAG debugging
support.
The full range of hardware features on the board helps user to evaluate all the peripherals
(USB OTG FS, USART, digital microphones, ADC and DAC, dot-matrix TFT LCD, LCD
glass module, IrDA (supported up to version MB1144 C-01 of the board), LDR, SRAM, NOR
Flash memory device, Quad-SPI Flash memory device, microSD™ card, sigma-delta
modulators, smartcard with SWP, CAN transceiver, I²C, EEPROM, RF-EEPROM) and
develop applications. Extension headers allow easy connection of a daughterboard or
wrapping board for a specific application.
An ST-LINK/V2-1 is integrated on the board, as embedded in-circuit debugger and
programmer for the STM32 MCU and the USB virtual COM port bridge.
System requirement
Windows® OS (XP, 7 or 8) or Linux 64-bit or Mac OS® X
USB Type-A to Type-B or Mini-B cable
Development toolchains
ARM® Keil®: MDK-ARM™ (a)
IAR™: EWARM(a)
GCC-based IDEs (free AC6: SW4STM32, Atollic® TrueSTUDIO® (a) and others)
Demonstration software
Demonstration software is preloaded in the STM32L476G-EVAL Flash memory, for easy
demonstration of the device peripherals in stand-alone mode. For more information and to
download the latest available version, refer to the STM32L476ZGT6 demonstration software
available on the www.st.com website.
a. On Windows® only.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com