Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STSPIN830 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSPIN830
Description  Compact and versatile three-phase and three-sense motor driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN830 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSPIN830 Datasheet HTML 5Page - STMicroelectronics STSPIN830 Datasheet HTML 6Page - STMicroelectronics STSPIN830 Datasheet HTML 7Page - STMicroelectronics STSPIN830 Datasheet HTML 8Page - STMicroelectronics STSPIN830 Datasheet HTML 9Page - STMicroelectronics STSPIN830 Datasheet HTML 10Page - STMicroelectronics STSPIN830 Datasheet HTML 11Page - STMicroelectronics STSPIN830 Datasheet HTML 12Page - STMicroelectronics STSPIN830 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
5
Functional description
The STSPIN830 is a 3-phase motor driver integrating a PWM current limiter and a power stage composed by
three fully-protected half-bridges.
5.1
Power supply and standby
The device is supplied through the VS pins, the two pins must be at the same voltage.
At power-up the power stage is disabled and the FAULT pin is forced low until the VS voltage rise above the
VSth(ON) threshold.
If the VS fall below the VSth(ON) - VSth(HYST) value the power stage is immediately disabled and the FAULT pins
are forced low.
Figure 3. UVLO protection management
Vs
VSth(ON)
VSth(ON) - VSth(HYST)
Internal OD
released
Internal OD
released
Outputs state
according to
input status
Outputs state
according to
input status
DISABLED
POWER
stage
FAULT
The device provides a low consumption mode which is set forcing the STBY\RESET input below the VSTBYL
threshold.
When the device is in standby status the power stage is disabled (outputs are in high impedance) and the supply
to the integrated control circuitry is strongly reduced. When the device leaves the standby status, all the control
circuitry is reset at power-up condition.
5.2
Logic inputs
The STSPIN830 offers two alternative method to drive the power stage, the proper can be selected setting the
status of MODE pin.
If MODE pin is set low (connected to GND) the output of each half bridge is controlled by the respective ENx and
INx inputs.
If MODE pin is set high the output of each half bridge is controlled by the respective INxH and INxL inputs.
In both cases the status of the power bridge is also determined by the PWM current limiter as indicated in Section
5.3 PWM current limiter.
Note:
The MODE pin status must not be changed during device working.
When the EN\FAULT input is forced low the power stage is immediately disabled (all MOSFETs are turned off).
The pin is also used as FAULT indication through the integrated open-drain MOSFET as described in paragraph
Section 5.4 Device protections and Section 5.5 ESD protection strategy.
STSPIN830
Functional description
DS12584 - Rev 2
page 9/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com