Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM1075 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM1075
Description  ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1075 Datasheet(HTML) 5 Page - STMicroelectronics

  UM1075 Datasheet HTML 1Page - STMicroelectronics UM1075 Datasheet HTML 2Page - STMicroelectronics UM1075 Datasheet HTML 3Page - STMicroelectronics UM1075 Datasheet HTML 4Page - STMicroelectronics UM1075 Datasheet HTML 5Page - STMicroelectronics UM1075 Datasheet HTML 6Page - STMicroelectronics UM1075 Datasheet HTML 7Page - STMicroelectronics UM1075 Datasheet HTML 8Page - STMicroelectronics UM1075 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
UM1075 Rev 8
5/19
UM1075
Features
18
1
Features
•
5 V power supplied by a USB connector
•
USB 2.0 full speed compatible interface
•
USB standard A to Mini-B cable
•
SWIM specific features
–
1.65 V to 5.5 V application voltage supported on SWIM interface
–
SWIM low-speed and high-speed modes supported
–
SWIM programming-speed rate: 9.7 Kbytes/s in low speed and 12.8 Kbytes/s in
high speed
–
SWIM cable for connection to the application via an ERNI standard vertical (ref:
284697 or 214017) or horizontal (ref: 214012) connector
–
SWIM cable for connection to the application via a pin header or a 2.54 mm pitch
connector
•
JTAG/serial wire debugging (SWD) specific features
–
1.65 V to 3.6 V application voltage supported on the JTAG/SWD interface and 5 V
tolerant inputs
–
JTAG cable for connection to a standard JTAG 20-pin pitch 2.54 mm connector
–
Supports JTAG communication
–
Supports serial wire debug (SWD) and serial wire viewer (SWV) communication
•
Direct firmware update feature supported (DFU)
•
Status LED, which blinks during communication with the PC
•
1000 VRMS high isolation voltage (ST-LINK/V2-ISOL only)
•
Operating temperature from 0 to 50 °C
2
Ordering information
To order the ST-LINK/V2 refer to Table 1.
Table 1. List of the order codes
Order code
ST-LINK description
ST-LINK/V2
In-circuit debugger/programmer
ST-LINK/V2-ISOL
In-circuit debugger/programmer with digital isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com