Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM2502 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM2502
Description  STLINK-V3MODS and STLINK-V3MINI mini debuggers/programmers for STM32
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2502 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM2502 Datasheet HTML 6Page - STMicroelectronics UM2502 Datasheet HTML 7Page - STMicroelectronics UM2502 Datasheet HTML 8Page - STMicroelectronics UM2502 Datasheet HTML 9Page - STMicroelectronics UM2502 Datasheet HTML 10Page - STMicroelectronics UM2502 Datasheet HTML 11Page - STMicroelectronics UM2502 Datasheet HTML 12Page - STMicroelectronics UM2502 Datasheet HTML 13Page - STMicroelectronics UM2502 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
STLINK-V3MODS and STLINK-V3MINI functional description
UM2502
10/27
UM2502 Rev 1
8
STLINK-V3MODS and STLINK-V3MINI functional
description
8.1
STLINK-V3MODS and STLINK-V3MINI overview
The STLINK-V3MODS and STLINK-V3MINI are stand-alone debugging and programming
mini probes for the STM32 microcontrollers. These products support many functions and
protocols for debugging, programming or communicating with one or several targets.
These modules are fully powered by the PC. If the COM LED blinks red, refer to the
Overview of ST-LINK derivatives technical note (TN1235) for details.
8.2
High performance modules
The STLINK-V3MODS and STLINK-V3MINI support high performance configuration for
STM32 microcontrollers. The working voltage range is from 3 V to 3.6 V.
The protocols and functions supported are:
•
SWD with SWO (up to 24 MHz)
•
JTAG (up to 21 MHz)
•
VCP (from 720 bps to 15 Mbps)
A 2x7-pin male connector with 1.27 mm pitch is located in the STLINK-V3MINI for
connection to the application target. An STDC14 to STDC14 connector is included in the
packaging
Figure 3. STLINK-V3MINI connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com