Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05030WAST Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05030WAST
Description  30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05030WAST Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH05030WAST Datasheet HTML 2Page - Texas Instruments PTH05030WAST Datasheet HTML 3Page - Texas Instruments PTH05030WAST Datasheet HTML 4Page - Texas Instruments PTH05030WAST Datasheet HTML 5Page - Texas Instruments PTH05030WAST Datasheet HTML 6Page - Texas Instruments PTH05030WAST Datasheet HTML 7Page - Texas Instruments PTH05030WAST Datasheet HTML 8Page - Texas Instruments PTH05030WAST Datasheet HTML 9Page - Texas Instruments PTH05030WAST Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Application Notes continued
For technical support and further information, visit http://power.ti.com
Table 1-1: Input/Output Capacitors
[1] The total capacitance is slightly lower than 1,500 µF, but is acceptable based on the combined ripple current rating.
[2] A ceramic capacitor may be used to complement electrolytic types at the input to further reduce high-frequency ripple current
PTH03030W & PTH05030W
:
e
p
y
T
,
r
o
d
n
e
V
r
o
t
i
c
a
p
a
C
)
e
l
y
t
S
(
s
e
i
r
e
S
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
o
t
i
c
a
p
a
Cy
t
i
t
n
a
u
Q
g
n
i
k
r
o
W
e
g
a
t
l
o
V
e
u
l
a
V
)
F
µ
(
R
S
E
.
x
a
M
z
H
k
0
0
1
t
a
e
l
p
p
i
R
.
x
a
M
C
°
5
8
@
t
n
e
r
r
u
C
)
s
m
r
I
(
e
z
i
S
l
a
c
i
s
y
h
P
)
m
m
(
t
u
p
n
I
s
u
B
t
u
p
t
u
O
s
u
B
r
e
b
m
u
N
t
r
a
P
r
o
d
n
e
V
:
c
i
n
o
s
a
n
a
P
)
l
a
i
d
a
R
(
C
F
K
F)
D
M
S
(
V
0
1
V
6
1
V
6
1
V
0
1
0
6
5
0
0
5
1
0
0
5
1
0
0
2
2
0
9
0
.
0
Ω
3
4
0
.
0
Ω
0
6
0
.
0
Ω
0
6
0
.
0
Ω
A
m
0
0
9
>
A
m
0
9
6
1
A
m
0
0
1
1
A
m
0
0
1
1
0
1
× 5
.
2
1
6
1
× 5
1
5
.
2
1
× 5
.
3
1
5
.
2
1
× 5
.
3
1
3
1
1
1
1
1
1
1
1
6
5
A
1
C
F
U
E
E
S
2
5
1
C
1
C
F
U
E
E
Q
2
5
1
C
1
K
F
V
E
E
Q
2
2
2
A
1
K
F
V
E
E
n
o
c
-
i
m
e
h
C
d
e
t
i
n
U
)
l
a
i
d
a
R
(
n
o
c
s
O
,
X
F
)
.
D
M
S
(
m
u
n
i
m
u
l
A
-
y
l
o
P
(
,
A
X
P
)
l
a
i
d
a
R
(
m
u
n
i
m
u
l
A
,
Z
X
L
V
3
.
6
V
3
.
6
V
0
1
V
0
1
0
0
0
1
0
2
8
0
8
6
0
0
0
1
3
1
0
.
0
Ω
0
1
0
.
0
Ω
0
9
0
.
0
Ω
8
6
0
.
0
Ω
A
m
5
3
9
4
A
m
0
0
5
5
A
m
0
0
9
>
A
m
0
5
0
1
0
1
× 5
.
0
1
0
1
× 2
.
2
1
0
1
× 5
.
2
1
0
1
× 6
1
2
2
3
2
≤2
≤2
1
1
M
0
0
0
1
X
F
6
P
T
2
1
J
M
0
2
8
C
V
3
.
6
A
X
P
L
L
2
1
X
0
1
M
1
8
6
B
V
0
1
Z
X
L
L
L
6
1
X
0
1
M
2
0
1
B
V
0
1
Z
X
L
,
n
o
c
i
h
c
i
N:
m
u
n
i
m
u
l
A
)
l
a
i
d
a
R
(
D
H
)
l
a
i
d
a
R
(
M
P
V
3
.
6
V
0
1
0
0
0
1
0
0
5
1
3
5
0
.
0
Ω
0
5
0
.
0
Ω
A
m
0
3
0
1
A
m
0
6
0
1
0
1
× 5
.
2
1
6
1
× 5
1
2
1
1
1
R
P
M
2
0
1
J
0
D
H
U
6
H
H
M
2
5
1
A
1
M
P
U
:
n
o
c
-
s
O
,
o
y
n
a
S
)
l
a
i
d
a
R
(
P
S
)
D
M
S
(
P
V
S
V
0
1
V
3
.
6
0
7
4
0
2
8
5
1
0
.
0
Ω
2
1
0
.
0
Ω
A
m
0
0
5
4
>
A
m
0
4
4
5
>
0
1
× 5
.
0
1
0
1
× 7
.
2
1
3 ]
1
[
2
≤3
≤2
M
0
7
4
P
S
0
1
M
0
2
8
P
V
S
6
:
m
u
n
i
m
u
l
A
-
y
l
o
P
,
c
i
n
o
s
a
n
a
P
)
D
M
S
(
A
W
)
D
M
S
(
E
S
/
S
V
3
.
6
V
3
.
6
0
6
5
0
8
1
0
2
0
.
0
Ω
5
0
0
.
0
Ω
A
m
0
0
1
5
A
m
0
0
0
4
0
1
× 2
.
0
1
3
.
7
× 3
.
4
× 2
.
4
3
R
/
N
≤4
≤1
P
1
6
5
J
0
A
W
F
E
E
R
1
8
1
J
0
E
S
F
E
E
:
m
u
l
a
t
n
a
T
,
X
V
A
)
D
M
S
(
S
P
TV
0
1
V
0
1
0
7
4
0
7
4
5
4
0
.
0
Ω
0
6
0
.
0
Ω
A
m
3
2
7
1
A
m
6
2
8
1
L
3
.
7
× W
7
.
5
× H
1
.
4
3 ]
1
[
3 ]
1
[
≤5
≤5
5
4
0
0
R
0
1
0
M
7
7
4
E
S
P
T
0
6
0
0
R
0
1
0
M
7
7
4
V
S
P
T
:
)
D
M
S
(
t
e
m
e
K
t
n
a
T
-
y
l
o
P
,
0
2
5
T
c
i
n
a
g
r
O
/
t
n
a
T
-
y
l
o
P
,
0
3
5
T
V
3
.
6
V
0
1
V
3
.
6
0
7
4
0
3
3
0
7
4
8
1
0
.
0
Ω
5
1
0
.
0
Ω
2
1
0
.
0
Ω
A
m
0
0
2
1
>
A
m
0
0
8
3
>
A
m
0
0
2
4
W
3
.
4
× L
3
.
7
× H
0
.
4
3 ]
1
[
5
3 ]
1
[
≤5
≤3
≤2
8
1
0
E
S
6
0
0
M
7
7
4
X
0
2
5
T
S
A
0
1
0
M
7
3
3
X
0
3
5
T
S
A
6
0
0
M
7
7
4
X
0
3
5
T
e
u
g
a
r
p
S
-
y
a
h
s
i
V
)
D
M
S
(
m
u
l
a
t
n
a
T
,
D
5
9
5
)
l
a
i
d
a
R
(
n
o
c
-
s
O
,
A
S
4
9
V
0
1
V
6
1
0
7
4
0
0
2
2
0
0
1
.
0
Ω
5
1
0
.
0
Ω
A
m
0
4
4
1
A
m
0
4
7
9
L
2
.
7
× W
6
× H
1
.
4
6
1
× 5
2
3 ]
1
[
1
≤5
≤3
T
2
R
0
1
0
0
X
7
7
4
D
5
9
5
P
B
H
6
1
0
0
X
8
0
1
A
S
4
9
)
D
M
S
(
R
5
X
c
i
m
a
r
e
C
,
t
e
m
e
KV
6
1
V
3
.
6
0
1
7
4
2
0
0
.
0
Ω
2
0
0
.
0
Ω
—e
s
a
c
0
1
2
1
m
m
5
2
2
3
1 ]
2
[
1 ]
2
[
≤5
≤5
C
A
P
4
M
6
0
1
C
0
1
2
1
C
C
A
P
9
K
6
7
4
C
0
1
2
1
C
c
i
m
a
r
e
C
,
a
t
a
r
u
MR
5
X)
D
M
S
(V
3
.
6
V
3
.
6
V
6
1
V
6
1
0
0
1
7
4
2
2
0
1
2
0
0
.
0
Ω
—e
s
a
c
0
1
2
1
m
m
5
2
2
3
1 ]
2
[
1 ]
2
[
1 ]
2
[
3
≤
≤5
≤5
≤5
M
7
0
1
J
0
6
R
E
2
3
M
R
G
M
6
7
4
J
0
6
R
E
2
3
M
R
G
K
6
2
2
C
1
6
R
E
2
3
M
R
G
K
6
0
1
C
1
6
R
D
2
3
M
R
G
c
i
m
a
r
e
C
,
K
D
TR
5
X)
D
M
S
(V
3
.
6
V
3
.
6
V
6
1
V
6
1
0
0
1
7
4
2
2
0
1
2
0
0
.
0
Ω
—e
s
a
c
0
1
2
1
m
m
5
2
2
3
1 ]
2
[
1 ]
2
[
1 ]
2
[
3
≤
≤5
≤5
≤5
T
M
7
0
1
J
0
R
5
X
5
2
2
3
C
T
M
6
7
4
J
0
R
5
X
5
2
2
3
C
T
M
6
2
2
C
1
R
5
X
5
2
2
3
C
T
M
6
0
1
C
1
R
5
X
5
2
2
3
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com