Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2508SPF-08ST Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2508SPF-08ST
Description  Clock Synthesizer and Frequency Generator with Peak EMI reduction
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2508SPF-08ST Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2508SPF-08ST Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2508SPF-08ST Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2508SPF-08ST Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2508SPF-08ST Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2508SPF-08ST Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2508SPF-08ST Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2508SPF-08ST Datasheet HTML 7Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
February 2005
ASM3P2508SP
rev 0.4
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Clock Synthesizer and Frequency Generator with Peak EMI reduction
Features
Dual PLL based Architecture
Operates with a 3.3V ±0.3V supply.
Generates an EMI optimized Spread Spectrum
PCI Clock output
Generates a high accuracy non Spread T1 clock of
±25ppm accuracy.
Generates a non spread system reference clock
Low power CMOS design.
Input frequency: 25 MHz.
Outputs:
Sys_ REF_CLK: 20 MHz
T1 Clock: 25 MHz (±25 ppm)
PCI_CLK: 33.33MHz Spread Spectrum
Frequency deviation: -0.5% (Typ).
Available in 8L SOIC Package.
Product Description
The ASM3P2508SP is a versatile Dual PLL based Clock
Synthesizer and Frequency Generator optimised and
designed specifically for three clock frequencies. The
PCI_CLK
output
from
ASM3P2508SP
reduces
electromagnetic interference (EMI) at the clock source,
allowing system wide reduction of EMI of all clock
dependent signals. ASM3P2508SP allows significant
system cost savings by reducing the number of circuit
board layers, ferrite beads & shielding that are
traditionally required to pass EMI regulations.
The ASM3P2508SP uses the most efficient and
optimized modulation profile approved by the FCC.
ASM3P2508SP modulates the output of a PLL in order to
“spread” the bandwidth of a synthesized clock, and more
importantly, decreases the peak amplitudes of its
harmonics. This results in a significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’ (SSCG).
In addition to the SSCG output, ASM3P2508SP
generates two high accuracy clock signals -
T1 Clock @ 25.00MHz with +/- 25ppm stability, and a
20MHz Sys_ REF_CLK.
Applications
The ASM3P2508SP is targeted towards Consumer,
Industrial, Data and Telecommunications applications.
Key Specifications
Description
Specification
Supply voltages
VDD = 3.3V ±0.3V
Input Frequency
25 MHz
Cycle-to-Cycle Jitter
175 pS ( Max)
Output Duty Cycle
45/55%
Output Rise and Fall Time
1.1 nS (Max)
SSC Modulation Rate
30KHz (Typ)
SSC Frequency Deviation
-0.5% (Typ)
Block Diagram
VSS
T1_CLK
Sys_REF_CLK
VDD
Modulation
XIN/CLKIN
Input
Divider
Osc
PLL 1
Output
Divider
PLL 2
PCI_CLK
XOUT
Output
Divider
PWRDNB


Similar Part No. - ASM3P2508SPF-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2508A ALSC-ASM3P2508A Datasheet
3Mb / 11P
Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2508A PULSECORE-ASM3P2508A Datasheet
401Kb / 9P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2508A ONSEMI-ASM3P2508A Datasheet
126Kb / 8P
Peak EMI Reducing
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
ASM3P2508A-08-SR ALSC-ASM3P2508A-08-SR Datasheet
3Mb / 11P
Peak EMI Reducing Solution
ASM3P2508A-08-ST ALSC-ASM3P2508A-08-ST Datasheet
3Mb / 11P
Peak EMI Reducing Solution
More results

Similar Description - ASM3P2508SPF-08ST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66238FP MITSUBISHI-M66238FP Datasheet
102Kb / 11P
STANDARD CLOCK GENERATOR WITH PLL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
M66238FP RENESAS-M66238FP Datasheet
151Kb / 15P
Standard Clock Generator with PLL Frequency Synthesizer
logo
PulseCore Semiconductor
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
Low Frequency Timing-Safe??Peak EMI reduction IC
PCS3P625Z05B PULSECORE-PCS3P625Z05B Datasheet
552Kb / 15P
High Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P1P8160AG-10CR ONSEMI-P1P8160AG-10CR Datasheet
129Kb / 6P
Low Jitter Clock Generator and Peak EMI Reduction IC
October, 2010 ??Rev. 2
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
PCS3P624Z05B ONSEMI-PCS3P624Z05B Datasheet
174Kb / 13P
High Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P625Z05B ONSEMI-PCS3P625Z05B Datasheet
168Kb / 13P
High Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com