Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2760A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2760A
Description  Low Power Peak EMI Reducing Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2760A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2760A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2005
ASM3P2760A
rev 1.8
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Low Power Peak EMI Reducing Solution
Features
Generates an EMI optimized clock signal at the
output.
Integrated loop filter components.
Operates with a 3.3V / 2.5V Supply.
Operating current less than 4mA.
Low power CMOS design.
Input frequency range: 6MHz to 12MHz for 2.5V.
: 6MHz to 13MHz for 3.3V.
Generates a 1X low EMI spread spectrum clock of
the input frequency.
Frequency deviation: ±0.65% @ 8MHz
Available in 6 pin TSOT-23, 8 pin SOIC and
8 pin TSSOP Packages.
Product Description
The ASM3P2760A is a versatile spread spectrum
frequency modulator designed specifically for a wide
range of clock frequencies. The ASM3P2760A reduces
electromagnetic interference (EMI) at the clock source,
allowing system wide reduction of EMI of
all clock
dependent signals. The ASM3P2760A allows significant
system cost savings by reducing the number of circuit
board layers ferrite beads, shielding that are traditionally
required to pass EMI regulations.
The ASM3P2760A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented by using a proprietary all digital method.
The ASM3P2760A modulates the output of a single PLL
in order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The ASM3P2760A is targeted towards all portable
devices with very low power requirements like MP3
players and digital still cameras.
Key Specifications
Description
Specification
Supply voltages
VDD = 3.3V / 2.5V
Cycle-to-Cycle Jitter
200pS (Max)
Output Duty Cycle
45/55%
Modulation Rate Equation
FIN/256
Frequency Deviation
±0.65% @ 8MHz
Block Diagram
XIN
ModOUT
VSS
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
VDD
PD
Crystal
Oscillator
XOUT


Similar Part No. - ASM3P2760A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2760A PULSECORE-ASM3P2760A Datasheet
180Kb / 12P
Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760A ONSEMI-ASM3P2760A Datasheet
135Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
ASM3P2760AF-06OR PULSECORE-ASM3P2760AF-06OR Datasheet
180Kb / 12P
Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760AF-06OR ONSEMI-ASM3P2760AF-06OR Datasheet
135Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
ASM3P2760AF-06OR ONSEMI-ASM3P2760AF-06OR Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
More results

Similar Description - ASM3P2760A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
Low Power Peak EMI Reducing Solution
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
Low Power Peak EMI Reducing Solution
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2775A ONSEMI-ASM3P2775A_15 Datasheet
130Kb / 9P
Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com