Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3P2769A Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM3P2769A
Description  Low Power Peak EMI Reducing Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2769A Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM3P2769A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2769A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2769A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2769A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2769A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2769A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2769A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2769A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2769A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
September 2005
ASM3P2769A
rev 1. 8
Low Power Peak EMI Reducing Solution
3 of 12
Notice: The information in this document is subject to change without notice.
Pin Configuration (8-pin SOIC and TSSOP Packages)
Pin Description
Pin#
Pin Name
Type
Description
1
XIN/CLKIN
I
Crystal connection or external reference frequency input. This pin has dual functions. It
can be connected either to an external crystal or an external reference clock.
2
XOUT
O
Crystal connection. If using an external reference, this pin must be left unconnected.
3
PD
I
Power-down control pin. Pull low to enable power-down mode. Connect to VDD if not
used.
4
NC
-
No connect.
5
VSS
P
Ground connection.
6
ModOUT
O
Spread spectrum clock output.
7
NC
-
No connect.
8
VDD
P
Power supply for the entire chip.
Modulation Profile
Specification
Description
Specification
For 2.5V Supply
6MHz < CLKIN < 12MHz
Frequency
Range
For 3.3V Supply
6MHz < CLKIN < 13MHz
Modulation Equation
FIN/256
Frequency Deviation
±1% @ 10MHz
ModOUT
NC
VSS
XIN/CLKIN
XOUT
1
2
3
4
5
6
7
8
ASM3P2769A
PD
NC
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com