Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM4SSTVF32852 Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # ASM4SSTVF32852
Description  DDR 24-Bit to 48-Bit Registered Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM4SSTVF32852 Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  ASM4SSTVF32852 Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM4SSTVF32852 Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM4SSTVF32852 Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM4SSTVF32852 Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM4SSTVF32852 Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM4SSTVF32852 Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM4SSTVF32852 Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM4SSTVF32852 Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM4SSTVF32852 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
August 2004
ASM4SSTVF32852
rev 2.0
DDR 24-Bit to 48-Bit Registered Buffer
3 of 13
Pin Description
Pin #
Pin Name
Type
Description
R1, P1, N1, N2, M1, L2, L1, K1, K2, J2, J1, H1,
G1, G2, F1, F2, E1, D1, D2, C1, C2, B1, A1, A2
Q (24:1)A
O
Data output.
R6, P6, N6,N5,M6, L5, L6, K6, K5, J5, J6, H6, G6,
G5, F6, F5, E6, D6, D5, C6, C5, B6, A6, A5
Q (24:1)B
O
Data output.
E2, B3, D3, G3, J3, L3, M3, P3, B4, D4, G4, J4,
L4, M4, P4, E5
GND
P
Ground.
B2, M2, P2, C3, E3, F3, H3, K3, N3, C4, E4, F4,
H4, K4, N4, B5, M5, P5
VDDQ
P
Output supply voltage, 2,5V nominal.
W4, V4, U4, W5, W6, V5, T4, V6, U6, U5, T6, T5,
W3, V3, U3, W2, W1, V2, T3, V1, U1, U2, T1, T2
D(24:1)
I
Data input.
A3
CLK
I
Positive master clock input.
A4
CLKB
I
Negative master clock input.
H2, H5, R2, R5
VDD
P
Core supply voltage, 2.5V nominal.
R3
RESETB
I
Reset (Active Low).
R4
VREF
I
Input reference, 1.25V nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com