Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1693 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 1693
Description  High Current Switching DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

1693 Datasheet(HTML) 3 Page - B&K Precision Corporation

  1693 Datasheet HTML 1Page - B&K Precision Corporation 1693 Datasheet HTML 2Page - B&K Precision Corporation 1693 Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
w w w.bk prec ision.c om
High Current Switching DC Power Supplies
Models 1693 & 1694
v041211
Specifications
Mode l
1693
1694
Variable Output Voltage
1-15 V
1-30 V
Output Current
60 A
30 A
Rated Auxiliary Output Current
5 A
3 A
Ripple and Noise
40 mVpp
Load Regulation
0.1% + 5 mV
Line Regulation
0.05% + 3 mV
Input Voltage
100-240 VAC, 50Hz/60Hz
Efficiency
>85%
Dynamic Power Factor Correction
>0.97 at optimal load
Voltmeter and Ammeter Display
3-digit LED displays
Meter Accuracy
+/- 1% + 1 count
Indicator
Green LED for power on/off indication
Red LED for overload/short circuit indication
Special Features
Analog Remote Control & Remote Sense
Cooling Method
Variable speed thermostatically controlled fan
Operating Temperature
32 °F to 104 °F (0 °C to 40 °C), ≤ 80% R.H.
Storage Temperature
5 ºF to 158 ºF (-15 ºC to 70 ºC), ≤ 85% R.H.
Protections
Overload (Constant Current Limiting), Short Circuit, OTP (Overtemperature Protection),
and OVP (Overvoltage Protection)
Approvals
CE-EMC: EN 55022 CE-LVD:EN 60950
Dimension (W x H x D)
8.66” x 4.33” x 14.17” (220 x 110 x 360 mm)
Weight
12.8 lbs (5.8 kg)
One Year Warranty
Included accessories: Power cord, instruction manual, remote control connector
Note: All specifications apply to the unit after a temperature stabilization time of 15 minutes over an ambient temperature range of 23 °C ± 5 °C.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com