Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2005B Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 2005B
Description  150 MHz RF Generator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

2005B Datasheet(HTML) 1 Page - B&K Precision Corporation

  2005B Datasheet HTML 1Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
150 MHz RF Generator
Model 2005B
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2014
v080514
The 2005B supplies sine wave outputs from 100 kHz to
150 MHz (harmonics usable to 450 MHz) at up to 100
mV (RMS). The output can be amplitude modulated with
an internal 1 kHz signal or with an external audio signal
up to 1 V (RMS). An external crystal can be plugged in
for precise frequency control. The output is provided via
a BNC female connector.
I
100 kHz to 150 MHz on six bands
I
Output to 450 MHz on harmonics
I
AM modulation, internal or external Step and variable
attenuation
Specifications
2005B
Main Output
Frequency Range
100 kHz to 150 MHz (up to 450 MHz on third harmonics)
A) 100 kHz-300 kHz
B) 300 kHz-1 MHz
C) 1 MHz-3.2 MHz
D) 3 MHz-10 MHz
E) 10 MHz-35 MHz
F) 32 MHz-150MHz
(96-450 MHz on harmonics)
Dial Accuracy
±3%
RF Output Level
Continuously variable. Step attenuator provides
approximately 20 dB of attenuation
Maximum Output
Approximately 100 mV rms to 35 MHz. Continuously variable
in hi or lo step, at least 20 dB range of adjustment
Frequency Monitor Output
Frequency
100 kHz to 150 MHz
Level
50 mV rms min. fixed, unmodulated signal
Amplitude Modulation
Internal
Frequency 1 kHz; level continuously variable. Modulation signal
available at front panel jack; fixed 1 V rms (min) into approx. 10 kΩ
External Frequency
50 Hz to 20 kHz
Sensitivity Approximately
100 mV rms
General
AC Input
120/220/240V ±10%, 50/60 Hz
Dimensions (HxWxD)
5.91 x 9.84 x 5.12" (150 x 250 x 130 mm)
Weight
5.5 lbs. (2.5 kg)
One-Year Warranty
Included Accessories
BNC to insulated clip output cable, detachable power cord, and
instruction manual


Similar Part No. - 2005B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2005B ETC2-2005B Datasheet
605Kb / 1P
100 kHz to 150 MHz on six bands
More results

Similar Description - 2005B

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8102T NEC-UPC8102T Datasheet
147Kb / 20P
RF AMPLIFIER IC FOR 150 MHz TO 330 MHz PAGER SYSTEM
logo
Ericsson
PTB20017 ERICSSON-PTB20017 Datasheet
44Kb / 3P
150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
PTB20195 ERICSSON-PTB20195 Datasheet
47Kb / 3P
150 Watts, 860-900 MHz Cellular Radio RF Power Transistor
logo
TriQuint Semiconductor
854833-1 TRIQUINT-854833-1 Datasheet
65Kb / 1P
150 MHz Bandpass Filter
logo
List of Unclassifed Man...
DP-330 ETC2-DP-330 Datasheet
316Kb / 1P
Wideband RF/Pulse Transformer 5-150 MHz
logo
KR Electronics, Inc.
2978 KR-2978 Datasheet
95Kb / 3P
150 MHz Lowpass Filter
logo
Keysight Technologies
N9310A KEYSIGHT-N9310A Datasheet
550Kb / 8P
RF Signal Generator
logo
IXYS Corporation
PRF-1150 IXYS-PRF-1150 Datasheet
563Kb / 20P
RF GENERATOR EVALUATION MODULE
logo
Microchip Technology
VRF2933 MICROCHIP-VRF2933 Datasheet
438Kb / 14P
50 V, 300 W, 150 MHz RF Power MOSFET
Rev. A - 02/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com