Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBFJ309 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBFJ309
Description  JFET VHF/UHF Amplifier Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBFJ309 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBFJ309 Datasheet HTML 1Page - ON Semiconductor MMBFJ309 Datasheet HTML 2Page - ON Semiconductor MMBFJ309 Datasheet HTML 3Page - ON Semiconductor MMBFJ309 Datasheet HTML 4Page - ON Semiconductor MMBFJ309 Datasheet HTML 5Page - ON Semiconductor MMBFJ309 Datasheet HTML 6Page - ON Semiconductor MMBFJ309 Datasheet HTML 7Page - ON Semiconductor MMBFJ309 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MMBFJ309LT1 MMBFJ310LT1
http://onsemi.com
3
30
24
18
12
6.0
0
1000
100
200
300
500 700
f, FREQUENCY (MHz)
3.0
2.4
1.8
1.2
0.6
|S21|, |S11|
0.45
0.39
0.33
0.27
0.21
0.15
0.85
0.79
0.73
0.67
0.61
0.55
|S12|, |S22|
0.060
0.048
0.036
0.024
0.012
1.00
0.98
0.96
0.94
0.92
0.90
1000
100
200
300
500 700
f, FREQUENCY (MHz)
Figure 4. Common–Gate Y Parameter
Magnitude versus Frequency
Figure 5. Common–Gate S Parameter
Magnitude versus Frequency
VDS = 10 V
ID = 10 mA
TA = 25°C
Y11
Y21
Y22
Y12
S22
S21
S11
S12
VDS = 10 V
ID = 10 mA
TA = 25°C
f, FREQUENCY (MHz)
θ21, θ11
50°
40°
30°
20°
10°
0°
180°
170°
160°
150°
140°
130°
θ12, θ22
-20°
-40°
-80°
-120°
-160°
-200°
-20°
-60°
-100°
-140°
-180°
87°
86°
85°
84°
83°
82°
1000
100
200
300
500
700
Figure 6. Common–Gate Y Parameter
Phase–Angle versus Frequency
f, FREQUENCY (MHz)
θ11, θ12
120°
100°
80°
60°
40°
20°
-20°
-40°
-60°
-80°
-100°
-120°
θ21, θ22
0
-40°
-80°
-20°
-60°
-100°
1000
100
200
300
500
700
Figure 7. S Parameter Phase–Angle
versus Frequency
θ22
θ21
θ12
θ11
VDS = 10 V
ID = 10 mA
TA = 25°C
θ11
θ21
θ22
θ21
θ11
θ12
VDS = 10 V
ID = 10 mA
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com