Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5490C Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 5490C
Description  Digital Multimeters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

5490C Datasheet(HTML) 3 Page - B&K Precision Corporation

  5490C Datasheet HTML 1Page - B&K Precision Corporation 5490C Datasheet HTML 2Page - B&K Precision Corporation 5490C Datasheet HTML 3Page - B&K Precision Corporation 5490C Datasheet HTML 4Page - B&K Precision Corporation 5490C Datasheet HTML 5Page - B&K Precision Corporation 5490C Datasheet HTML 6Page - B&K Precision Corporation 5490C Datasheet HTML 7Page - B&K Precision Corporation 5490C Datasheet HTML 8Page - B&K Precision Corporation 5490C Datasheet HTML 9Page - B&K Precision Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Digital Multimeters
5490C Series
3
www.bkprecision.com
Powerful measurement tools
Multiple measurement and display
options
DC Voltage
DC Current
DC Resistance
AC Voltage
AC Current
Capacitance
Frequency
Min/Max measurement capabilities
5492C/5492CGPIB
5493C/5493CGPIB
1 µ
1
1 M
1 µV
1000 V
0.1 µV
1 nA
10 A
0.1 nA
100 MΩ
10 µΩ
750 V
1 mV
1 nA
10 A
0.1 nA
10 mF
0.1 pF
3.3 Hz
1 MHz
2.2 Hz
1 p
Simultaneously display multiple measurements
such as frequency and AC voltage.
Dual measurement display
Bar meter with limit mode
Set upper and lower limit levels with
PASS/FAIL counter and indicators.
Displays the ratio between two separate DC
voltage measurements within ±12 Volts. This
function is useful to quickly verify the difference
between input and output magnitudes of low
voltage circuits.
DC voltage ratio measurement
Trend chart
Trend chart displays live data in graphical
form.
In addition to statistical data and limit test mode,
this series is capable of Null, dB, dBm, mX+b,
run/stop, and percent calculation functions.
Versatile math functions
Histogram with statistics
Histogram display mode to view distribution
of measurement data.
n
Minimum, maximum, peak-to-peak, average,
standard deviation
n
Reading buffer holds 10,000 data samples
Statistics display
Use probe hold mode to quickly compare a series
of readings. Stable readings are captured and
added to a list of up to eight measurements.
Probe hold mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com