Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8601 Datasheet(PDF) 7 Page - B&K Precision Corporation

Part # 8601
Description  Programmable DC Electronic Loads
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8601 Datasheet(HTML) 7 Page - B&K Precision Corporation

  8601 Datasheet HTML 1Page - B&K Precision Corporation 8601 Datasheet HTML 2Page - B&K Precision Corporation 8601 Datasheet HTML 3Page - B&K Precision Corporation 8601 Datasheet HTML 4Page - B&K Precision Corporation 8601 Datasheet HTML 5Page - B&K Precision Corporation 8601 Datasheet HTML 6Page - B&K Precision Corporation 8601 Datasheet HTML 7Page - B&K Precision Corporation 8601 Datasheet HTML 8Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Programmable DC Electronic Loads
8600 Series
7
www.bkprecision.com
Specifications (cont.)
Model
8610
8612
8614
8616
8620
8622
8624
8625
Input ratings
Input voltage
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 120 V
Input
current
Low
0 – 12 A
0 – 3 A
0 – 24 A
0 –6 A
0 – 48 A
0 – 10 A
0 – 60 A
0 – 72 A
High
0 – 120 A
0 – 30 A
0 – 240 A
0 –60 A
0 – 480 A
0 – 100 A
0 – 600 A
0 – 720 A
Input power
750 W
1500 W
1200 W
3000 W
2500 W
4500 W
6000 W
Minimum
operating
voltage
Low
0.12 V at 12 A
0.36 V at 3 A
0.15 V at 24 A
0.36 V at 6 A
0.2 V at 48 A
0.3 V at 10 A
0.18 V at 60 A
0.18 V at 72 A
High
1.2 V at 120 A
3.6 V at 30 A
1.5 V at 240 A
3.6 V at 60 A
2 V at 480 A
3 V at 100 A
18 V at 600 A
1.8 V at 720 A
CV mode
Range
Low
0 – 18 V
0 – 50 V
0 – 18 V
0 – 50 V
0 – 18 V
0 – 50 V
0 – 18 V
0 – 18 V
High
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 500 V
0 – 120 V
0 – 120 V
Resolution
Low
0.1 mV
1 mV
0.1 mV
1 mV
1 mV
1 mV
1 mV
1 mV
High
1 mV
10 mV
1 mV
10 mV
10 mV
10 mV
10 mV
10 mV
Accuracy
Low
±(0.025% + 0.05% FS)
±(0.025%+
0.025% FS)
±(0.025%+
0.05% FS)
±(0.025% + 0.05% FS)
High
±(0.025% + 0.05% FS)
CC mode
Range
Low
0 – 12 A
0 – 3 A
0 – 24 A
0 – 6 A
0 – 48 A
0 – 10 A
0 – 60 A
0 – 72 A
High
0 – 120 A
0 – 30 A
0 – 240 A
0 – 60 A
0 – 480 A
0 – 100 A
0 – 600 A
0 – 720 A
Resolution
Low
1 mA
0.1 mA
1 mA
0.1 mA
1 mA
1 mA
1 mA
1 mA
High
10 mA
1 mA
10 mA
1 mA
10 mA
10 mA
10 mA
10 mA
Accuracy
Low
±(0.05%+
0.1% FS)
±(0.05%+
0.05% FS)
±(0.05%+
0.1% FS)
±(0.05%+
0.05% FS)
±(0.025%+ 0.05% FS)
High
±(0.05%+
0.1% FS)
±(0.05%+
0.05% FS)
±(0.05%+
0.1% FS)
±(0.05%+
0.05% FS)
±(0.025%+ 0.05% FS)
CR mode
Range
Low
0.02 Ω – 10 Ω
0.15 Ω – 10 Ω
0.01 Ω – 10 Ω
0.01 Ω – 10 Ω
0.01 Ω – 10 Ω
0.03 Ω – 10 Ω
0.01 Ω – 10 Ω
0.005 Ω – 10 Ω
High
10 Ω - 7.5 kΩ
Resolution
16 bit
Accuracy
(I>10% of
range)
Low
0.01%+0.08 S (12.5 Ω)
High
0.01%+0.0008 S (1250 Ω)
CW mode
Range
750 W
1500 W
1200 W
3000 W
2500 W
4500 W
6000 W
Resolution
10 mW
100 mW
Accuracy
0.2% + 0.2% FS
Transient mode (CC mode)
T1 & T2 (1)
20 µs – 3600 s / Resolution: 10 µs
Accuracy
5 µs + 100 ppm
Slew Rate (2)
Low
0.001-0.25 A/µs
0.0001-0.1 A/µs
0.001-0.25 A/µs
0.0001-0.1 A/µs
0.001-0.25 A/µs
0.001-0.1 A/µs
0.001-0.25 A/µs
0.001-0.25 A/µs
High
0.01-2.5 A/µs
0.001-1 A/µs
0.01-2.5 A/µs
0.001-1 A/µs
0.01-2.5 A/µs
0.01-1 A/µs
0.01-2.5 A/µs
0.01-2.5 A/µs
(1) Fast pulse trains with large transitions may not be achievable.
(2) The slew rate specifications are not warranted, but are descriptions of typical performance. The actual transition time is defined as the time for the input to change from 10% to 90%, or vice versa,
of the programmed current values. In case of very large load changes, e.g. from no load to full load, the actual transition time will be larger than the expected time. The load will automatically adjust
the slew rate to fit within the range (high or low) that is closest to the programmed value.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com