Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSP4940 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4940
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4940 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4940 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4940 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
Page 3
www.winsok.tw
Dec.2014
WSP4940
Dual N-Channel MOSFET
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
0
0.01
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
25
30
ID-Drain Current (A)
4V
3.5V
6V,8V,10V
4.5V
0
5
10
15
20
25
30
0
0.4
0.8
1.2
VDS - Drain-to-Source Voltage (V)
10V,8V,6V
3.5V
4.5V4V
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
02
2
0
10
VGS - Gate-to-Source Voltage (V)
TJ = 25 C
ID = 6.6A
0
10
20
30
40
50
0
01
0
01
VGS - Gate-to-Source Voltage (V)
TJ = 25 C
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD - Source-to-Drain Voltage (V)
TJ = 25 C
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com