Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSP4982 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4982
Description  Dual N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4982 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4982 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4982 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4982 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4982 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4982 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4982 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
40
---
---
V
RDS(ON)c
Static Drain-Source On-Resistance
2
VGS=10V , ID=
6.0A
---
28
m
Ω
VGS=4.5V , ID=
5.0A
---
33
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.
0
1.
6
2.5
V
IDSS
Drain-Source Leakage Current
VDS=24V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=24V , VGS=0V , TJ=55℃
---
---
30
IGSS
Gate-Source Leakage Current
VGS=±20V , VDS=0V
---
---
±
100
nA
Qgd
Total Gate Charge (4.5V)
VDS=
20V , VGS=4.5V , ID=6A
---
7.5
---
nC
Qgs
Gate-Source Charge
---
3.24
---
Qgd
Gate-Drain Charge
---
2.75
---
Td(on)
Turn-On Delay Time
VDD=
20V,VGEN=10V,RG=6Ω
, ID=
1A,RL=20Ω.
---
7.8
ns
Tr
Rise Time
---
6.9
Td(off)
Turn-Off Delay Time
---
22.4
Tf
Fall Time
---
4.8
Ciss
Input Capacitance
VDS=
20V , VGS=0V , f=1MHz
---
815
pF
Coss
Output Capacitance
---
95
Crss
Reverse Transfer Capacitance
---
60
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Page 2
www.winsok.tw
Rev 1: Dec.2019
WSP4982
Dual N-Channel MOSFET
24
28
---
---
---
---
---
---
---
Note c:Pulse test ; pulse width
£300
ms, duty cycle£2%.
Note d:Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com