Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT-121-R-L11-MPF Datasheet(PDF) 14 Page - Luminus, Inc

Part # PT-121-R-L11-MPF
Description  Thermally Enhanced LED Projection Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

PT-121-R-L11-MPF Datasheet(HTML) 14 Page - Luminus, Inc

Back Button PT-121-R-L11-MPF Datasheet HTML 8Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 9Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 10Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 11Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 12Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 13Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 14Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 15Page - Luminus, Inc PT-121-R-L11-MPF Datasheet HTML 16Page - Luminus, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
41.40
PITCH
SECTION A-A
7°
TYP
0.76
TYP
19.81
TOP TRAY SHOWN TRANSPARENT
FOR REFERENCE ONLY
6.35
127
254
266.70
139.70
51.05
203.71
57.15
AA
DIMENSIONS IN MILLIMETERS
14
PDS-002060 Rev 07 © 2019 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
11145 Sonora Court • Sunnyvale, CA 94086 USA
For detailed drawing of shipping trays, please refer to document TO-0479, available upon request.
ShippingTray Outline
PT-121-TE Product Datasheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com