Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3313 Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # MM3313
Description  AC input detection and power supply protection IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3313 Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  MM3313 Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3313 Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3313 Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3313 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3313 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3313 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3313 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3313 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM3313 Datasheet HTML 9Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
AC input detection and power supply protection IC MM3313
Absolute Maximum Ratings
Item
Symbol
Ratings
Units
Storage temperature
TSTG
−55~+150
°C
VIN Supply voltage
VVDDMAX
−0.3~+33
V
DET1 pin supply voltage
VINDET1
−0.3~+30
V
DET2 pin supply voltage
VINDET2
−0.3~+30
V
AC DET pin supply voltage
VINACDET
−0.3~+30
V
Power dissipation
Pd
300 (alone)
mW
When in use, make sure that the voltage exceeding the maximum rating of 33V is not
applied even momentarily.
(Except where noted otherwise Ta=25°C)
Recommended Operating Conditions
Item
Symbol
Ratings
Units
Operating Temperature
TOPR
−40~+85
°C
Operating Supply Voltage
VOPR
+4~+30
V
DET1 pin supply voltage
VINDET1
0~+30
V
DET2 pin supply voltage
VINDET2
0~+30
V
AC DET pin supply voltage
VINACDET
0~+30
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com