| Electronic Components Datasheet Search |
|
SFT-10-CG-R35-MPC Datasheet(PDF) 2 Page - Luminus, Inc |
|
|
|||||||||||||||||||||||||||||
SFT-10-CG-R35-MPC Datasheet(HTML) 2 Page - Luminus, Inc |
|
2 / 19 page ![]() 2 PDS-002823 Rev 02 © 2017 Luminus Devices, Inc. - All Rights Reserved Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com 1145 Sonora Court • Sunnyvale, CA 94086 USA SFT-10 Product Datsheet Understanding SMT Test Specifications Every Luminus LED is tested to ensure that it meets the high quality standards expected from Luminus’products. Technology Overview Luminus Devices’ SFT series of illuminators is an innovative small form factor solid-state light source created for applications requiring high current density in a small area. With its thermally effiicent package, the SFT-10 chipset allows the end-product to deliver all the benefits of small, high performing solid state light sources. The SFT series is environmentally friendly (Mercury-free), enables instant start and re-start with no wait time, high reliability, and long life requiring no end-user or field replacement. Response time is quick enabling frame-by-frame color control with compatible ASIC control chipsets for projection applications. Testing of SMT LEDs The Luminus SFT series of products are measured in such a way that allows high volume / fast paced (single pulse) production but accurate measurement that correlates with real world operating conditions. Luminus makes available to it’s customers correlation curves (page 8) that allow one to predict with significant accuracy performance in typical“Display”applications. Innovative PackagingTechnology Thermal management is critical in high power LED applications. With a low thermal resistance from junction SFT-10 LEDs can be driven at higher current densities while maintaining a low junction temperature, thereby resulting in brighter solutions and longer lifetimes. Reliability SFT-10 has passed a rigorous suite of environmental and mechanical stress tests, including mechanical shock, vibration, temperature cycling and humidity, and have been fully qualified for use in high power / small form factor / high current applications pico applications. With very low failure rates and median lifetimes that typically exceed 60,000 hours, Luminus SFT-Series LEDs are ready for even the most demanding applications. (Please refer to Luminus’ Reliability application note for more information.) Environmental Benefits Luminus LEDs help reduce power consumption and the amount of hazardous waste entering the environment. All LED products manufactured by Luminus are RoHS and REACH compliant and free of hazardous materials, including lead and mercury. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |