Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFT-10-CG-R35-MPD Datasheet(PDF) 4 Page - Luminus, Inc

Part # SFT-10-CG-R35-MPD
Description  LED Chipset in SMT and Starboard Configurations
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINUS [Luminus, Inc]
Direct Link  https://www.luminus.com/
Logo LUMINUS - Luminus, Inc

SFT-10-CG-R35-MPD Datasheet(HTML) 4 Page - Luminus, Inc

  SFT-10-CG-R35-MPD Datasheet HTML 1Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 2Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 3Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 4Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 5Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 6Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 7Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 8Page - Luminus, Inc SFT-10-CG-R35-MPD Datasheet HTML 9Page - Luminus, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
PACKAGE CONFIGURATIONS
4
PDS-002823 Rev 02 © 2017 Luminus Devices, Inc. - All Rights Reserved
Luminus Devices, Inc. • T 408.708.7000 • www.luminus.com
1145 Sonora Court • Sunnyvale, CA 94086 USA USA
SFT-10 Product Datsheet
Package Configuration1
Type
Picture
Description
F35
SMT
Standard configuration
A 1.0 mm2 die mounted on a small 3.5 x 3.5mm high-perfor-
mance package with directional indicator.
R35
STARBOARD
Pre-Mounted Configuration.
The standard SFT-10 SMT Package pre-mounted on a Luminus
thermally efficient and pedestal, common cathode designed cop-
per 19.9 x 19.9mm starboard. See page 15.
Starboard only in sample quantity.
Contact Luminus representitive for additional requirements.
Starboard requires electrical isolation in most system designs.
Starboard backside is connected to LED cathode.
Note 1:
The packaging configuration must be specified within the orderable part number.
If not specified, or invalid, the order may be rejected or default to the “F35” (Standard) configuration.
Ordering Part Number Nomenclature
Note 1:
A Bin Kit represents a group of individual flux or power bins that are shippable for a given ordering part number. Individual flux bins are not orderable.
EXAMPLES: SFT-10-CG-F35-MPC is comprised of Converted Green Flux Bins 2C, 2D, 2E , and 2F,
Note 2:
Starboard only in sample quantity. Contact Luminus representitive for additional requirements.
Product Family
Chip Area
Color
Package Configuration2
Bin Kit1
SFT: Small Flat-
Top windowless
format
10: 1.0 mm2
RA = Red - Amber
CG = Converted Green
B= Blue
F35: 3.5mm x 3.5mm
See Mechanical Drawing section
R35: SFT-10 mounted on Starboard
Starboard only in sample quantity
See page 5 for bin kit
definition
SFT
nn
XXXX
XXX
XYZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com