Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WST2035 Datasheet(PDF) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2035
Description  P-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2035 Datasheet(HTML) 2 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2035 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2035 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2035 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2035 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2035 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-
20
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.01
6
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-4.5V , ID=-
4.0A
---
37
50
m
Ω
VGS=-2.5V , ID=-
4.0A
---
45
60
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =-250uA
-0.
3
-0.
56
-1.
0
V
△
VGS(th)
VGS(th) Temperature Coefficient
---
3.9
7
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=-
20V , VGS=0V , TJ=25℃
---
---
-1
uA
VDS=-
20V , VGS=0V , TJ=125℃
---
---
-
30
IGSS
Gate-Source Leakage Current
VGS=±
10V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-3A
8
16
---
S
Qg
Total Gate Charge (-4.5V)
VDS=-
16V , VGS=-4.5V , ID=-4.0A
---
17.2
---
nC
Qgs
Gate-Source Charge
---
1.3
---
Qgd
Gate-Drain Charge
---
4.5
---
Td(on)
Turn-On Delay Time
VDD=-
10V , VGEN=-4.5V ,
RG=
6Ω, ID=-4A
---
9.5
---
ns
Tr
Rise Time
---
17
---
Td(off)
Turn-Off Delay Time
---
94
---
Tf
Fall Time
---
35
---
Ciss
Input Capacitance
VDS=-
10V , VGS=0V , f=1MHz
---
1450
---
pF
Coss
Output Capacitance
---
205
---
Crss
Reverse Transfer Capacitance
---
160
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,4
VG=VD=0V , Force Current
---
---
-
1.0
A
ISM
Pulsed Source Current
2,4
---
---
-
4.0
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=-1A , TJ=25℃
---
---
-1
.2
V
trr
Reverse Recovery Time
IF=-
4.0A,dI/dt=100A/µs , TJ=25℃
---
9.5
---
nS
Qrr
Reverse Recovery Charge
---
94
---
nC
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
WST2035
P-Ch MOSFET
Page 2
www.winsok.tw
Dec.2014
Notes:
. Repetit e rating,pulse width limited by junction temperature.
. Puls Test : Pulse width ≤300µs, duty cycle ≤2%.
These parameters have no way to verify.
1.
2.
3.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com