Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WST2066 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2066
Description  Dual N-Ch MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2066 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2066 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2066 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2066 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2066 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2066 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
±
12
V
ID@TC=25℃
Continuous Drain Current, VGS @ 4.5V
1
7.2
A
ID@TC=70℃
Continuous Drain Current, VGS @ 4.5V
1
5.8
A
IDM
Pulsed Drain Current
2
20
A
PD@TA=25℃
Total Power Dissipation
3
1.4
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
150
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
70
℃
/W
BVDSS
RDSON
ID
20V
16mΩ
7.2A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
Power management in portable and battery
operated products
One cell battery pack protection
ESD:2KV
Absolute Maximum Ratings
Thermal Data
SOT-23-6L Pin Configuration
Product Summery
WST2066
Page 1
www.winsok.tw
Dec.2014
Dual N-Ch MOSFET
The WST2066 is the highest performance
trench N-ch MOSFETs with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the small power
switching and load switch applications.
The WST2066 meet the RoHS and Green
Product requirement with full function reliability
approved.


Similar Part No. - WST2066

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WST2066 VBSEMI-WST2066 Datasheet
510Kb / 9P
Dual N-Channel 20 V (D-S) MOSFET
More results

Similar Description - WST2066

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD2054DN22 WIINSOK-WSD2054DN22 Datasheet
620Kb / 5P
Dual N-Ch MOSFET
WSD2068 WIINSOK-WSD2068 Datasheet
890Kb / 6P
Dual N-Ch MOSFET
WSD2098 WIINSOK-WSD2098 Datasheet
874Kb / 7P
Dual N-Ch MOSFET
WSD3020DN WIINSOK-WSD3020DN Datasheet
1Mb / 5P
Dual N-Ch MOSFET
WSD4066DN WIINSOK-WSD4066DN Datasheet
1Mb / 7P
Dual N-Ch MOSFET
WSD6056DN56 WIINSOK-WSD6056DN56 Datasheet
586Kb / 5P
Dual N-Ch MOSFET
WSF4022 WIINSOK-WSF4022 Datasheet
749Kb / 8P
Dual N-Ch MOSFET
WSP6946 WIINSOK-WSP6946 Datasheet
1Mb / 5P
Dual N-Ch MOSFET
WSP6956 WIINSOK-WSP6956 Datasheet
2Mb / 7P
Dual N-Ch MOSFET
WST3392 WIINSOK-WST3392 Datasheet
705Kb / 5P
Dual N-Ch MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com