Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFAQ0860L36T Datasheet(PDF) 10 Page - ON Semiconductor

Part # NFAQ0860L36T
Description  Intelligent Power Module (IPM) 600 V, 8 A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAQ0860L36T Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NFAQ0860L36T Datasheet HTML 6Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 7Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 8Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 9Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 10Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 11Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 12Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 13Page - ON Semiconductor NFAQ0860L36T Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
NFAQ0860L36T
www.onsemi.com
10
FAULT Pin
The FAULT output is an open drain output requiring a
pull−up resistor. If the pull−up voltage is 5 V, use a pull−up
resistor with a value of 6.8 k
W or higher. If the pull−up
voltage is 15 V, use a pull−up resistor with a value of 20 k
W
or higher. The FAULT output is triggered if there is a VDD
undervoltage or an overcurrent condition.
Under−voltage Protection
If VDD goes below the VDD supply under−voltage
lockout falling threshold, the FAULT output is switched on.
The FAULT output stays on until VDD rises above the VDD
supply under−voltage lockout rising threshold. After VDD
has risen above the threshold to enable normal operation, the
driver waits to receive an input signal on the LIN input
before enabling the driver for the HIN signal.
Overcurrent Protection
An over−current condition is detected if the voltage on the
ITRIP pin is larger than the reference voltage. There is a
blanking time of typically 350 ns to improve noise
immunity. After a shutdown propagation delay of typically
1.1
ms, the FAULT output is switched on. The FAULT output
is held on for a time determined by the resistor and capacitor
connected to the CFOD pin. If RCLR = 2 M
W and CCLR =
1 nF, the FAULT output is switched on for 1.65 ms (typ.)
because the FAULT pin goes back to high impedance when
CFOD is higher than 8 V (typ.).
The over−current protection threshold should be set to be
equal or lower to 2 times the module rated current (Io).
An additional fuse is recommended to protect against
system level or abnormal over−current fault conditions.
Capacitors on High Voltage and VDD Supplies
Both the high voltage and VDD supplies require an
electrolytic capacitor and an additional high frequency
capacitor. The recommended value of the high frequency
capacitor is between 100 nF and 10
mF.
SD Pin
The SD terminal pin is used to enable or shut down the
built−in driver. If the voltage on the SD pin rises above the
VSD+ voltage, the output drivers are enabled. If the voltage
on the SD pin falls below the VSD− voltage, the drivers are
disabled.
Minimum Input Pulse Width
When input pulse width is less than 1
ms, an output may
not react to the pulse. (Both ON signal and OFF signal)
Calculation of Bootstrap Capacitor Value
The bootstrap capacitor value CB is calculated using the
following approach. The following parameters influence the
choice of bootstrap capacitor:
• VBS: Bootstrap power supply.
15 V is recommended.
• QG: Total gate charge of IGBT at VBS = 15 V.
8 nC
• UVLO: Falling threshold for UVLO.
Specified as 12 V.
• IDMAX: High side drive power dissipation.
Specified as 0.4 mA
• TONMAX: Maximum ON pulse width of high side
IGBT.
Capacitance calculation formula:
CB = (QG + IDMAX * TONMAX) / (VBS − UVLO)
CB is recommended to be approximately 3 times the value
calculated above. The recommended value of CB is in the
range of 1 to 47
mF, however, the value needs to be verified
prior to production. When not using the bootstrap circuit,
each high side driver power supply requires an external
independent power supply.
The internal bootstrap circuit uses a MOSFET. The turn
on time of this MOSFET is synchronized with the turn on of
the low side IGBT. The bootstrap capacitor is charged by
turning on the low side IGBT.
If the low side IGBT is held on for a long period of time
(more than one second for example), the bootstrap voltage
on the high side MOSFET will slowly discharge.
Figure 15. Bootstrap Capacitance versus Tonmax
0.01
0.1
1
10
100
0.1
1
10
100
1000
Tonmax (ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com