Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-2PD-PE Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # COM-2PD-PE
Description  RS 422A/485 Isolated Serial I/O Board for PCI Express 2ch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PD-PE Datasheet(HTML) 1 Page - Contec Co., Ltd

  COM-2PD-PE Datasheet HTML 1Page - Contec Co., Ltd COM-2PD-PE Datasheet HTML 2Page - Contec Co., Ltd COM-2PD-PE Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver.1.01
COM-2PD-PE
1
RS-422A/485 Isolated Serial I/O Board
for PCI Express 2ch
COM-2PD-PE
* Specifications, color and design of the products are subject to
change without notice.
Max. 921,600bps RS-422A/485 Serial Communication
The < COM-2PD-PE > has two RS-422A/485-standard serial
ports.
Baud rates from 2 to 921,600bps can be set.
When using the
bundled “Standard COM Driver Software” and “Driver library API-
PAC(W32)”, baud rates from 15 to 921,600bps can be set.
Possibly used as Windows, Linux-standard COM ports,
using the bundled driver library
Comes with a driver software that allows the boards to be used
under Windows / Linux in the same way as COM ports on the
PC.
Under Windows, the product supports the OS-standard
Win32 API communication function as well as Visual Basic
MSComm.
Under Linux, OS-
standard tty driver’s standard-
function can be used.
In addition, supplies a diagnostic
program to confirm hardware operation and to perform a
communication test with equipment.
Isolation between channels and between PCs, surge
protection for all signal lines
The channels are electrically isolated from each other and from
the PC.
As isolation is provided between channels as well as isolation of
the bus, this prevents electrical noise between channels as well
as between the PC and external circuits.
As surge protection is
provided on all signal lines, you can safely use the boards in
environments where you are concerned about surges causing
incorrect operation or damage to the PC.
Max. 16 boards can be installed as configured in the range
COM1 - COM256.
Up to 16 boards can be mounted on a single PC.
COM1 - COM256 can be set using the device manager.
Each channel is equipped with separate 128-byte FIFO
buffers for transmit and receive.
Employed a buffer memory 128-byte dedicated to transmission
and 128-byte for each channel.
These are FIFO format, useful for high speed communications
and to reduce the load to the CPU when transmitting/receiving.
As the device manager can be used to enable/disable the use of
FIFO and set the FIFO trigger size, this permits operation to be
adjusted to achieve optional performance for your system.
This product is a PCI bus-supported board designed for
extending RS-422A/485 compatible serial communication
functionality on your PC.
The < COM-2PD-PE > has two RS-422A/485-standard serial
ports.
Higher noise-resistant models with isolation between channels
and between PC and bus line as well as a surge protection
circuit for communication ports.
With a 128byte built-in FIFO
buffer for transmission and reception of each channel, the
product supports a baud rate of up to 921,600bps.
It also
comes with a Windows/Linux driver, which allows boards to be
used as OS-standard COM ports.
This product supports CONTEC-
defined driver library “API-
P
AC(W32)” that provide local routines.
To suit your application, cables and connectors are
available as optional.
9-pin D-SUB connectors (male or female type) for your own
cables are available as optional.
The control line for RS-422A/485 can be controlled and
monitored by software.
The control lines for RTS, CTS, DTR and DSR can be controlled
and monitored using an application.
The lines can be controlled or monitored by software from the
application.
Driver library API-PAC(W32) is supported.
API-PAC(W32) is library software based on Win32 API routines
(DLL), which provides local routines specific to CONTEC.
You
can create high-speed application software taking advantage of
the CONTEC hardware using various programming languages
that support Win32 API functions, such as Visual Basic and
Visual C++.
Features


Similar Part No. - COM-2PD-PE

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
COM-2PD-LPE CONTEC-COM-2PD-LPE Datasheet
300Kb / 4P
RS-422A/485 2ch Serial I/O Board with Isolation for PCI Express Low Profile
More results

Similar Description - COM-2PD-PE

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
Serial I/O Module RS-422A/485
COM-1PDH CONTEC-COM-1PDH Datasheet
83Kb / 3P
Isolated RS-422A/485 1ch Serial I/O Board for Low Profile PCI
COM-1PDH-LPE CONTEC-COM-1PDH-LPE Datasheet
287Kb / 3P
RS-422A/485 1ch Serial I/O Board with Isolation for PCI Express Low Profile
COM-2C-PE CONTEC-COM-2C-PE Datasheet
235Kb / 3P
RS-232C Serial I/O Board for PCI Express 2ch
COM-2DL-PCI CONTEC-COM-2DL-PCI Datasheet
70Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 2ch Serial I/O board
COM-2PC-PE CONTEC-COM-2PC-PE Datasheet
291Kb / 3P
RS-232C Isolated Serial I/O Board for PCI Express 2ch
COM-2PDH CONTEC-COM-2PDH Datasheet
95Kb / 3P
Isolated RS-422A/485 2ch Serial I/O Board for Low Profile PCI
COM-2PD-LPE CONTEC-COM-2PD-LPE Datasheet
300Kb / 4P
RS-422A/485 2ch Serial I/O Board with Isolation for PCI Express Low Profile
COM-4DL-PCI CONTEC-COM-4DL-PCI Datasheet
86Kb / 3P
PCI ?밹ompliant I/O RS-422A/485 4ch Serial I/O board
COM-4PD-PE CONTEC-COM-4PD-PE Datasheet
386Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 4ch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com