Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COM-2PH Datasheet(PDF) 3 Page - Contec Co., Ltd

Part # COM-2PH
Description  RS-232C 2ch Serial I/O Board with Isolation
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-2PH Datasheet(HTML) 3 Page - Contec Co., Ltd

  COM-2PH Datasheet HTML 1Page - Contec Co., Ltd COM-2PH Datasheet HTML 2Page - Contec Co., Ltd COM-2PH Datasheet HTML 3Page - Contec Co., Ltd COM-2PH Datasheet HTML 4Page - Contec Co., Ltd COM-2PH Datasheet HTML 5Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
COM-2P(PCI)H,COM-4P(PCI)H
Ver.2.20
Support Software
You should use CONTEC support software according to your purpose and development environment.
Standard COM Driver Software COM Setup Disk COM Setup Disk (Bundled)
The purpose of this software is to allow the CONTEC serial communication boards to be used under Windows or Linux in the same way as the
standard COM ports on the PC. By installing additional boards, you can use COM ports in the range COM1 - COM256.
The boards can be used for all types of serial communications such as for remote access service (RAS) and uninterruptible power supply (UPS)
applications.
Under Windows, the serial ports can be accessed using the standard Win32 API communication routines (CreateFile( ), WriteFile( ), ReadFile( ),
and SetCommState( ), etc.) The serial ports are also compatible with the Visual Basic communication control (MSComm).
Under Linux, the serial ports are compatible with the operating system's standard tty driver. The standard routines including open( ), close( ),
read( ), write( ) are supported.
< Operating environment >
OS
Windows XP, 2000, NT, Me, 98, Linux etc..
The maximum number of COM ports able to be used depends on the configuration of your OS.
Driver library API-PAC(W32) (Available for downloading (free of charge) from the CONTEC web site.)
API-PAC(W32) is the library software that provides the commands for CONTEC hardware products in the form of Windows standard Win32
API functions (DLL). It makes it easy to create high-speed application software taking advantage of the CONTEC hardware using various
programming languages that support Win32 API functions, such as Visual Basic and Visual C/C++.
It can also be used by the installed diagnosis program to check hardware operations.
CONTEC provides download services (at http://www.contec.com/apipac/) to supply the updated drivers and differential files.
For details, visit the CONTEC's Web site.
< Operating environment >
OS Windows XP, 2000, NT, Me, 98, etc..
Adaptation language
Visual C/C++, Visual Basic, Delphi, Builder, etc..
OthersEach piece of library software requires 50 megabytes of free hard disk space.
This library provides local routines that are specific to CONTEC (SioOpen( ), SioWrite( ), SioRead( ), SioStatus( ), etc.). These are not
compatible with the standard Win32 API communication routines (CreateFile( ) and WriteFile( ), etc.).
External Connection
When connecting directly from the connector on the board to the external device, use the appropriate cable which can be purchased separately. If
making your own cable, use a CN5-D9F or similar connector which can be purchased separately.
- Connector used
DELC-J9PAF-20L9 (mfd. by JAE, Male)equivalent
- Applicable connector
17JE-13090-02(D8C) (mfd. by DDK, Female)
CN5-D9F (mfd. by CONTEC, Female) (Five connector set)
CN1
CN2
1
6
5
9
6
9
1
5
Screw nut:UNC#4-40(inch screw)
RS-232C Straight Cable with D-SUB9P (1.8m)
: RSS-9M/F
RS-232C Cross Cable with D-SUB9P (1.8m)
: RSC-9F
CN1
1
2
3
4
5
6
7
8
9
DCD1 Data Carrier Detect
RxD1 Receive Data
TxD1 Transmit Data
DTR1 Data Terminal Ready
SG1
Signal Ground
Data Set Ready DSR1
Request to Send RTS1
Clear to Send CTS1
Ring Indicator
RI1
CN2
1
2
3
4
5
6
7
8
9
DCD2 Data Carrier Detect
RxD2 Receive Data
TxD2 Transmit Data
DTR2 Data Terminal Ready
SG2
Signal Ground
Data Set Ready DSR2
Request to Send RTS2
Clear to Send CTS2
Ring Indicator
RI2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com