Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM5P2304B Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM5P2304B
Description  3.3V Zero Delay Buffer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM5P2304B Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM5P2304B Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM5P2304B Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
September 2005
ASM5P2304B
rev 0.5
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
3.3V Zero Delay Buffer
Features
Zero input - output propagation delay, adjustable
by capacitive load on FBK input.
Multiple configurations - Refer “ASM5P2304B
Configurations Table”.
Input frequency range: 4MHz to 20MHz
Multiple low-skew outputs.
Output-output skew less than 200pS.
Device-device skew less than 500pS.
Two banks of four outputs.
Less than 200pS Cycle-to-Cycle jitter
(-1, -1H, -2, -2H).
Available in space saving, 8-pin 150 mil SOIC
Package.
3.3V operation.
Advanced 0.35µ CMOS technology.
Industrial temperature available
.
Functional Description
ASM5P2304B is a versatile, 3.3V zero-delay buffer
designed
to
distribute
high-speed
clocks
in
PC,
workstation, datacom, telecom and other high-performance
applications. It is available in an 8 pin package. The part
has an on-chip PLL, which locks to an input clock,
presented on the REF pin. The PLL feedback is required to
be driven to FBK pin, and can be obtained from one of the
outputs.
The
input-to-output
propagation
delay
is
guaranteed to be less than 250pS, and the output-to-output
skew is guaranteed to be less than 200pS.
The ASM5P2304B has two banks of two outputs each.
Multiple ASM5P2304B devices can accept the same input
clock and distribute it. In this case the skew between the
outputs of the two devices is guaranteed to be less than
500pS.
The
ASM5P2304B
is
available
in
two
different
configurations (Refer “ASM5P2304B Configurations Table).
The ASM5P2304B-1 is the base part, where the output
frequencies equal the reference if there is no counter in the
feedback path. The ASM5P2304B-1H is the high-drive
version of the -1 and the rise and fall times on this device
are much faster. The ASM5P2304B-2 allows the user to
obtain REF and 1/2X or 2X frequencies on each output
bank. The exact configuration and output frequencies
depend on which output drives the feedback pin.
Block Diagram
/2
PLL
CLKA1
FBK
CLKA2
CLKB1
CLKB2
REF
Extra Divider (-2)


Similar Part No. - ASM5P2304B

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5P2304A ALSC-ASM5P2304A Datasheet
300Kb / 15P
3.3 V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2304A PULSECORE-ASM5P2304A Datasheet
371Kb / 14P
3.3V Zero Delay Buffer
logo
ON Semiconductor
ASM5P2304A ONSEMI-ASM5P2304A Datasheet
119Kb / 8P
3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
ASM5P2304A-1 ONSEMI-ASM5P2304A-1 Datasheet
119Kb / 8P
3.3 V Zero Delay Buffer
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM5P2304A-1-08-SR ALSC-ASM5P2304A-1-08-SR Datasheet
300Kb / 15P
3.3 V Zero Delay Buffer
More results

Similar Description - ASM5P2304B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304 Datasheet
109Kb / 8P
3.3V Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
3.3V Zero Delay Buffer
CY2304 CYPRESS-CY2304_08 Datasheet
258Kb / 9P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com