Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASMP5P23S05A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASMP5P23S05A
Description  3.3V SpreadTrak Zero Delay Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASMP5P23S05A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASMP5P23S05A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASMP5P23S05A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASMP5P23S05A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASMP5P23S05A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASMP5P23S05A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASMP5P23S05A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASMP5P23S05A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASMP5P23S05A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASMP5P23S05A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ASMP5P23S09A
August 2004
ASMP5P23S05A
rev 2.0
Alliance Semiconductor
2575, Augustine Drive  Santa Clara, CA  Tel: 408.855.4900  Fax: 408.855.4999  www.alsc.com
Notice: The information in this document is subject to change without notice.
PLL
CLKOUT
CLK1
CLK2
CLK3
CLK4
REF
ASM5P23S05A
3.3V
‘SpreadTrak’ Zero Delay Buffer
General Features
10 MHz to 133- MHz operating range, compatible
with CPU and PCI bus frequencies.
Zero input - output propagation delay.
Multiple low-skew outputs.
Output-output skew less than 250 ps.
Device-device skew less than 700 ps.
One input drives 9 outputs, grouped as 4 + 4
+ 1 (ASM5P23S09A).
One input drives 5 outputs (ASM5P23S05A).
Less than 200 ps cycle-to-cycle jitter is compatible
with Pentium
® based systems.
Test Mode to bypass PLL (ASM5P23S09A only,
refer Select Input Decoding Table).
Available in 16-pin, 150-mil SOIC, 4.4 mm
TSSOP,
and
150-mil
SSOP
packages
(ASM5P23S09A)
or
in
8-pin,
150-mil
SOIC
package (ASM5P23S05A).
3.3V
operation,
advanced
0.35µ
CMOS
technology.
‘SpreadTrak’.
Functional Description
ASM5P23S09A is a versatile, 3.3V zero-delay buffer
designed to distribute high-speed clocks with Spread
Spectrum capability. It is available in a 16-pin package. The
ASM5P23S05A
is
the
eight-pin
version
of
the
ASM5P23S09A. It accepts one reference input and drives
out five low-skew clocks.
The -1H version of the ASM5P23SXXA operates at up to
133- MHz frequencies, and has higher drive than the -1
devices. All parts have on-chip PLLs that lock to an input
clock on the REF pin. The PLL feedback is on-chip and is
obtained from the CLKOUT pad.
The ASM5P23S09A has two banks of four outputs each,
which can be controlled by the Select inputs as shown in
the Select Input Decoding Table. If all the output clocks are
not required, Bank B can be three-stated. The select input
also allows the input clock to be directly applied to the
outputs for chip and system testing purposes.
Multiple ASM5P23S09A and ASM5P23S05A devices can
accept the same input clock and distribute it. In this case
the skew between the outputs of the two devices is
guaranteed to be less than 700ps.
All outputs have less than 200 ps of cycle-to-cycle jitter.
The input and output propagation delay is guaranteed to be
less than 250 ps, and the output to output skew is
guaranteed to be less than 250ps.
The ASM5P23S09A and the ASM5P23S05A are available
in two different configurations, as shown in the ordering
information table. The ASM5P23SXXA-1 is the base part.
The ASM5P23SXXA-1H is the high drive version of the -1
and its rise and fall times are much faster than -1 part.
Block Diagram
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
CLKOUT
REF
S1
S2
Select Input
MUX
ASM5P23S09A
Decoding
PLL


Similar Part No. - ASMP5P23S05A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASMP5P23S04A ALSC-ASMP5P23S04A Datasheet
226Kb / 13P
3.3 V SpreadTrak Zero Delay Buffer
logo
PulseCore Semiconductor
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
3.3V ?쁓preadTrak??Zero Delay Buffer
More results

Similar Description - ASMP5P23S05A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5P23S04A ALSC-ASM5P23S04A Datasheet
364Kb / 15P
3.3V SpreadTrak Zero Delay Buffer
ASM5P23S09A ALSC-ASM5P23S09A Datasheet
388Kb / 18P
3.3V SpreadTrak Zero Delay Buffer
ASMP5P23S04A ALSC-ASMP5P23S04A Datasheet
226Kb / 13P
3.3 V SpreadTrak Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com