Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOG Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # SOG
Description  Small Type Tactile Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

SOG Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  SOG Datasheet HTML 1Page - Mitsumi Electronics, Corp. SOG Datasheet HTML 2Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MITSUMI
• Anyproductsmentionedinthiscatalogaresubjecttoanymodificationintheirappearanceandothersforimprovementswithoutpriornotification.
• Thedetailslistedherearenotaguaranteeoftheindividualproductsatthetimeofordering.Whenusingtheproducts,youwillbeaskedtochecktheirspecifications.
Small Type Tactile Switches
SPECIFICATIONS
Electrical
Characteristics
Rating (Resistive load)
DC15V, 20mA
Contact Resistance
1Ω or less
Insulation Resistance
10MΩ or more
Withstand Voltage
1 minute at AC 100V
Life
SOG-152ANT
1,000,000 times
SOG-154ANT
500,000 times
TYPE
Model Name Code
Model Name
Operating Force
Boss
Pcs/Reel
SOG-152ANT
R66 7834
1.6N
Without
10,000
SOG-154ANT
R66 7837
2.35N
Without
10,000
Unit: mm
DIMENSIONS
0.05
3.7
3.3
(3.5)
2.9
3.7
2.5
1.9
Circuit diagram
Refer-2
Refer-1
Bottom soldering
Reference land dimensions
(*1) This switch height shall be measured
with applying 15 gram load.
B
B
A
A
B
B
A
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com