Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARB24-IP Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # ARB24-IP
Description  Proportional, Non-Spring Return, 24 V, Cloud, BACnet/IP, Modbus TCP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

ARB24-IP Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  ARB24-IP Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC ARB24-IP Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC ARB24-IP Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC ARB24-IP Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical data sheet
ARB24-IP
www.belimo.us
ARB24-IP • en-us • 2020-09-01 • Subject to change
2 / 4
Degree of protection NEMA/UL
NEMA 1
Enclosure
UL Enclosure Type 1
EMC
CE according to 2014/30/EU
Agency Listing
cULus acc. to UL60730-1A/-2-14, CAN/CSA
E60730-1:02, CE acc. to 2014/30/EU and 2014/35/EU
Quality Standard
ISO 9001
Mode of operation
Type 1
Rated impulse voltage supply / control
0.8 kV
Ambient temperature
-22...122°F [-30...50°C]
Storage temperature
-40...176°F [-40...80°C]
Ambient humidity
max. 95% r.H., non-condensing
Servicing
maintenance-free
Weight Weight
2.4 lb [2.4 kg]
Materials Housing material
UL94-5VA
Safety notes
• The device must not be used outside the specified field of application, especially not in aircraft or in any
other airborne means of transport.
• Outdoor application: only possible in case that no (sea) water, snow, ice, insolation or aggressive gases
interfere directly with the actuator and that is ensured that the ambient conditions remain at any time
within the thresholds according to the data sheet.
• Only authorised specialists may carry out installation. All applicable legal or institutional installation
regulations must be complied during installation.
• The device may only be opened at the manufacturer's site. It does not contain any parts that can be
replaced or repaired by the user.
• Cables must not be removed from the device.
• To calculate the torque required, the specifications supplied by the damper manufacturers concerning
the cross-section, the design, the installation site and the ventilation conditions must be observed.
• The device contains electrical and electronic components and must not be disposed of as household
refuse. All locally valid regulations and requirements must be observed.
Product features
The actuator is controlled via the Cloud, BACnet IP or Modbus TCP and drives to the position defined by
the control signal. Various data points can be written and read via the same interfaces.
Hybrid mode:
The actuator receives its analog control signal from the higher level controller and drives to the position
defined. Using the Cloud, BACnet IP or Modbus TCP, various data points can be read and with the
exception of the control signal written.
Connection option for two sensors (passive sensor, active sensor or switching contact). The actuator
serves as an analogue/digital converter for the transmission of the sensor signal to the higher level
system.
The configuration can be carried out through the integrated web server (RJ45 connection to the web
browser), by communicative means or via the Cloud.
Additional information regarding the integrated web server can be found in the separate documentation.
"Peer to Peer" connection
http://belimo.local:8080
The Notebook must be set to "DHCP".
Make sure that only one network connection is
active.
Standard IP address:
http://192.168.0.10:8080
Static IP address
Mode of operation
Converter for sensors
Communication



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com