Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC945-L Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC945-L
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC945-L Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC945-L Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC945-L Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC945-L Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC945 SOT-23
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
02
4
6
8
10
12
0
2
4
6
8
10
12
0
0
1
0
1
1
1
.
0
200
400
600
800
1000
0
0
1
0
1
1
10
100
0
0
1
0
1
1
10
100
1000
0
25
50
75
100
125
150
0.00
0.05
0.10
0.15
0.20
0.25
0
1
1
1
.
0
0
5
10
15
COMMON
EMITTER
T
a=25
℃
24uA
9uA
30uA
27uA
21uA
18uA
15uA
12uA
6uA
I
B=3uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
30
3
0.3
150
V
BEsat
—— I
C
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
℃
T
a=25
℃
30
3
0.3
30
0
5
1
3
COLLECTOR CURRENT I
C
(mA)
T
a=100
℃
T
a=25
℃
β=10
V
CEsat
—— I
C
300
30
30
3
0.7
300
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
V
CE=6V
I
C
h
FE ——
150
AMBIENT TEMPERATURE T
a
( )
℃
P
C
—— T
a
REVERSE BIAS VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0 /IC=0
T
a=25
℃
V
CB / VEB
C
ob / Cib
——
■
Typical Characterisitics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com