Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WST2337 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WST2337
Description  P-Ch MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WST2337 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WST2337 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2337 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2337 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2337 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2337 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WST2337 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-15
V
VGS
Gate-Source Voltage
±
12
V
ID@Tc=25℃
Continuous Drain Current, VGS @ -4.5V1
-5.0
A
ID@Tc=70℃
Continuous Drain Current, VGS @ -4.5V1
-3.5
A
IDM
Pulsed Drain Current
-25
A
PD@TA=25℃
Total Power Dissipation3
1.4
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient 1
---
125
℃
/W
RθJC
Thermal Resistance Junction-Case1
---
80
℃
/W
BVDSS
RDSON
ID
-15V
28mΩ
-5.0A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT
-23 Pin Configuration
Product Summery
WST2337
P-Ch MOSFET
Page 1
www.winsok.tw
Dec.2014
The WST2337 is the highest performance
trench P-Ch MOSFET with extreme high cell
density , which provide excellent RDSON and
gate charge for most of the small power
switching and load switch applications.
The WST2337 meet the RoHS and
Green Product requirement with full
function reliability approved.


Similar Part No. - WST2337

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2333 WIINSOK-WST2333 Datasheet
859Kb / 5P
P-Ch MOSFET
logo
VBsemi Electronics Co.,...
WST2333 VBSEMI-WST2333 Datasheet
527Kb / 9P
P-Channel 12-V (D-S) MOSFET
logo
Shenzhen Guan Hua Wei Y...
WST2335 WIINSOK-WST2335 Datasheet
610Kb / 5P
P-Ch MOSFET
logo
VBsemi Electronics Co.,...
WST2335A VBSEMI-WST2335A Datasheet
471Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Shenzhen Guan Hua Wei Y...
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
More results

Similar Description - WST2337

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WSD30L60DN56 WIINSOK-WSD30L60DN56 Datasheet
590Kb / 9P
P-Ch MOSFET
WSD30L120DN56 WIINSOK-WSD30L120DN56 Datasheet
932Kb / 5P
P-Ch MOSFET
WSE3099 WIINSOK-WSE3099 Datasheet
818Kb / 5P
P-Ch MOSFET
WSF60P03 WIINSOK-WSF60P03 Datasheet
717Kb / 5P
P-Ch MOSFET
WSP4409 WIINSOK-WSP4409 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2301 WIINSOK-WST2301 Datasheet
893Kb / 5P
P-Ch MOSFET
WST2305 WIINSOK-WST2305 Datasheet
1,013Kb / 5P
P-Ch MOSFET
WST2315 WIINSOK-WST2315 Datasheet
1Mb / 5P
P-Ch MOSFET
WST2339 WIINSOK-WST2339 Datasheet
660Kb / 5P
P-Ch MOSFET
WST6003 WIINSOK-WST6003 Datasheet
551Kb / 6P
P-Ch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com