Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM1834A Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # ASM1834A
Description  Dual 5V and 3.3V uP Power Supply Supervisor with Manual Reset
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM1834A Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

Back Button ASM1834A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM1834A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM1834A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM1834A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM1834A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM1834A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM1834A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM1834A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM1834A Datasheet HTML 10Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ASM1834/A/D
8 of 10
Notice: The information in this document is subject to change without notice
Dual 5V and 3.3V µP Power Supply Supervisor with Manual Reset
rev 1.3
April 2005
Package Information
MicroSO (8-Pin)
SO (8-PIN)
PLASTIC DIP (8-PIN)
Symbol
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.032
0.044
0.81
1.10
A1
0.002
0.006
0.05
0.15
A2
0.030
0.038
0.76
0.97
b
0.012 BSC
0.30 BSC
C
0.004
0.008
0.10
0.20
D
0.114
0.122
2.90
3.10
e
0.0256 BSC
0.65 BSC
E1
0.114
0.122
2.90
3.10
E
0.184
0.200
4.67
5.08
L
0.016
0.026
0.41
0.66
a
0°6°0°6°
S
0.0206 BSC
0.52 BSC
E
H
D
A1
A2
A
θ
L
C
B
e
Symbol
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A1
0.004
0.010
0.10
0.25
A
0.053
0.069
1.35
1.75
A2
0.049
0.059
1.25
1.50
B
0.012
0.020
0.31
0.51
C
0.007
0.010
0.18
0.25
D
0.193 BSC
4.90 BSC
E
0.154 BSC
3.91 BSC
e
0.050 BSC
1.27 BSC
H
0.236 BSC
6.00 BSC
L
0.016
0.050
0.41
1.27
θ
0°
8°
0°
8°
Symbol
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
….
0.210
…..
5.33
A1
0.015
…..
0.38
…..
A2
0.115
0.195
2.92
4.95
b
0.014
0.022
0.36
0.56
b2
0.045
0.070
1.14
1.78
C
0.008
0.014
0.20
0.36
D
0.355
0.400
9.02
10.16
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.10 BSC
2.54 BSC
eB
…..
0.430
…..
10.92
L
0.115
0.150
2.92
3.81



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com