Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3302 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 7Page - Texas Instruments AMC3302 Datasheet HTML 8Page - Texas Instruments AMC3302 Datasheet HTML 9Page - Texas Instruments AMC3302 Datasheet HTML 10Page - Texas Instruments AMC3302 Datasheet HTML 11Page - Texas Instruments AMC3302 Datasheet HTML 12Page - Texas Instruments AMC3302 Datasheet HTML 13Page - Texas Instruments AMC3302 Datasheet HTML 14Page - Texas Instruments AMC3302 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
7 Detailed Description
7.1 Overview
The AMC3302 is a fully differential, precision, isolated amplifier with a fully integrated DC/DC converter that can
supply the device from a single 3.3-V or 5-V voltage supply on the low-side. The input stage of the device
consists of a fully differential amplifier that drives a second-order, delta-sigma (ΔΣ) modulator. The modulator
uses an internal voltage reference and clock generator to convert the analog input signal to a digital bitstream.
The drivers (termed TX in Section 7.2) transfer the output of the modulator across the isolation barrier that
separates the high-side and low-side voltage domains. As shown in Section 7.2, the received bitstream and
clock are synchronized and processed by a fourth-order analog filter on the low-side and presented as a
differential output of the device
The signal path is isolated by a double capacitive silicon dioxide (SiO2) insuation barrier, whereas power
isolation uses an on-chip transformer separated by a thin-film polymer as the insulating material.
7.2 Functional Block Diagram
Retiming and
4
th-Order
Active
Low-Pass
Filter
Isolation
Barrier
AMC3302
RX
GND
û Modulator
VDD
Resonator and
Driver
LDO
Rectifier
TX
HGND
LDO_OUT
DCDC_IN
DCDC_GND
TX
RX
Diagnostics
DIAG
Oscillator
OUTP
OUTN
Bandgap
Reference
LDO
HLDO_OUT
DCDC_OUT
DCDC_HGND
HLDO_IN
INP
INN
7.3 Feature Description
7.3.1 Analog Input
The differential amplifier input stage of the AMC3302 feeds a second-order, switched-capacitor, feed-forward ΔΣ
modulator. The gain of the differential amplifier is set by internal precision resistors to a factor of 4 with a
differential input impedance of 22 kΩ. The modulator converts the analog signal into a bitstream that is
transferred over the isolation barrier, as described in Section 7.3.2.
There are two restrictions on the analog input signals (INP and INN). First, if the input voltage exceeds the range
HGND – 6 V to HLDO_OUT + 0.5 V, the input current must be limited to 10 mA because the device input
electrostatic discharge (ESD) diodes turns on. In addition, the linearity and noise performance of the device are
ensured only when the analog input voltage remains within the specified linear full-scale range (FSR) and within
the specified common-mode input voltage range.
www.ti.com
AMC3302
SBASA11 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com