Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIO-0808TY-USB Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # DIO-0808TY-USB
Description  Digital I/O Terminal for USB2.0
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

DIO-0808TY-USB Datasheet(HTML) 1 Page - Contec Co., Ltd

  DIO-0808TY-USB Datasheet HTML 1Page - Contec Co., Ltd DIO-0808TY-USB Datasheet HTML 2Page - Contec Co., Ltd DIO-0808TY-USB Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Ver.1.01
DIO-0808TY-USB
1
Digital I/O Terminal for USB2.0
DIO-0808TY-USB
* Specifications, color and design of the products are subject to
change without notice.
This product is a USB2.0-compatible terminal that expands the
input or output function of a PC for digital signals. Being
bus-powered, it does not need an external power supply.
DIO-0808TY-USB has the 8ch of unisolated TTL level input and
8ch of unisolated open-collector output. In addition, it uses a
protection circuit (surge protection) as its I/O circuit as well as
an easily-wired terminal connector.
Windows driver is bundled with this product.
Using the dedicated library VI-DAQ makes it possible to create
each application for LabVIEW.
Unisolated TTL level input, unisolated open-collector
output
DIO-0808TY-USB has the 8ch of unisolated TTL level input
whose response speed is 200nsec and 8ch of unisolated
open-collector output. The output rating is max. 28VDC,
40mA per ch.
Compatible to USB1.1/USB2.0 and not necessary to power
this product externally as the bus power supply is used.
Compatible to USB1.1/USB2.0 and capable to achieve high
speed transfer at High Speed (480 Mbps). Not necessary to
power supply this product externally as the bus power of USB
is used.
Surge absorption diodes are built in the I/O circuit for
surge voltage protection.
DIO-0808TY-USB has a surge absorption diode connected to
the +5V output pin at each I/O point to protect against surge
voltages.
Windows compatible driver libraries are attached.
Using the attached driver library API-USBP(WDM) makes it
possible to create applications of Windows. In addition, a
diagnostic program by which the operations of hardware can
be checked is provided.
Terminal connector facilitating wiring
Wiring is easy as the terminal connector (screw type) is used.
LabVIEW is supported by a plug-in of dedicated library
VI-DAQ.
Using the dedicated library VI-DAQ makes it possible to make
a LabVIEW application.
Item
Specifications
Input section
Number of input signal
points
8 points (1 common)
Input format
TTL-level input (Negative logic *1)
Input resistance
10kΩ (1 TTL load)
Surge protector
ESD Noise-Clipping Diodes NNCD6.8J (NEC) or equivalent
Response time
200nsec within *2
Output section
Number of output
signal points
8 points (1 common)
Output format
Unisolated open-collector output (Negative logic *1)
Output voltage 28VDC (Max.)
Output
rating
Output current 40mA (per point) (Max.)
Residual voltage with
output on
0.5V or less (Output current
≤50mA),
1.0V or less (Output current
≤100mA)
Surge protector
Diodes for Surge Absorption HZC30 (RENESAS) or equivalent
Response time
200nsec within *2
+5V output section
Output voltage
4.75 - 5.25V
External supply
capable current (Max.)
5VDC 100mA
Surge protector
ESD Noise-Clipping Diodes NNCD6.8J (NEC) or equivalent
USB
Bus specification
USB Specification 2.0/1.1 standard
USB transfer rate
12Mbps (Full-speed), 480Mbps (High-speed) *3
Power supply
Bus power
Common
Connector
14 pin (screw-terminal) plug header
Number of terminals
used at the same time
127 terminals (Max.) *4
Current consumption
(Max.)
5VDC 300mA
Operating conditions
0 - 50ºC, 10 - 90%RH (No condensation)
Allowable distance of
signal extension
Approx. 1.5m (depending on wiring environment)
Physical dimensions
(mm)
64(W) x 62(D) x 24(H) (exclusive of protrusions)
Weight
70g (Not including the USB cable, attachment)
Attached cable
USB cable 1.8m
Compatible wires
AWG28 - 16
*1
Data “0” and “1” correspond to the High and Low levels, respectively.
*2
Response time of the input/output IC
*3
This depends on the host PC environment used (OS and USB host controller).
*4
As a USB hub is also counted as one device, you cannot just connect 127 USB terminals.
Specification
Features


Similar Part No. - DIO-0808TY-USB

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
DIO-0808L-PCI CONTEC-DIO-0808L-PCI Datasheet
335Kb / 4P
Digital I/O Board with Opto-Isolation for PCI
DIO-0808LY-USB CONTEC-DIO-0808LY-USB Datasheet
116Kb / 4P
Isolated Digital I/O Terminal for USB2.0
DIO-0808RN-USB CONTEC-DIO-0808RN-USB Datasheet
344Kb / 5P
N Series for USB Isolated Digital I/O Unit
More results

Similar Description - DIO-0808TY-USB

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2869911 PHOENIX-2869911 Datasheet
515Kb / 14P
Intrinsically safe Inline digital I/O terminal for hazardous locations
logo
Contec Co., Ltd
AIO-160802AY-USB CONTEC-AIO-160802AY-USB Datasheet
188Kb / 4P
High-precision analog I/O terminal for USB2.0
AIO-160802GY-USB CONTEC-AIO-160802GY-USB Datasheet
375Kb / 3P
Terminal for USB2.0 High-Resolution Analog I/O
CM-32L CONTEC-CM-32L Datasheet
685Kb / 3P
Signal monitor Accessory for Digital I/O
DI-16TY-USB CONTEC-DI-16TY-USB Datasheet
157Kb / 3P
Digital Input Terminal for USB2.0
DIO-24DY-USB CONTEC-DIO-24DY-USB Datasheet
160Kb / 3P
Non-isolated bidirectional digital I/O terminal for USB2.0
DIO-0404LY-WQ-EU CONTEC-DIO-0404LY-WQ-EU Datasheet
729Kb / 4P
Isolated Digital I/O Terminal for Sub-GHz Wireless
DIO-0808LY-USB CONTEC-DIO-0808LY-USB Datasheet
116Kb / 4P
Isolated Digital I/O Terminal for USB2.0
DIO-6464T2-PCI CONTEC-DIO-6464T2-PCI Datasheet
308Kb / 4P
Digital I/O Board for PCI
DO-16TY-USB CONTEC-DO-16TY-USB Datasheet
102Kb / 3P
Digital Output Terminal for USB2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com