Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2010A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # P2010A
Description  Low Frequency EMI Reduction IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2010A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  P2010A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2010A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2003
P2010A
rev F
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Low Frequency EMI Reduction IC
Features
FCC approved method of EMI attenuation
Provides up to 20 dB of EMI suppression
Generates a low EMI spread spectrum clock
of the input frequency
Optimized for 10 MHz to 35MHz input
frequency range
Internal loop filter minimizes external
components and board space
4 selectable spread ranges
SSON control pin for spread spectrum
enable and disable options
Characterizes to work with EMI-Lator
®
, EMC
simulation program.
Low cycle-to-cycle jitter
Wide operating range (3V to 5V)
16 mA output drives
TTL or CMOS compatible outputs
Low power CMOS design
Available in 8 pin SOIC and TSSOP
Product Description
The P2010 is a selectable spread spectrum
frequency modulator designed specifically for PC
peripheral and embedded controller markets. The
P2010 reduces electromagnetic interference (EMI) at
the clock source which provides system wide
reduction of EMI of all clock dependent signals. The
P2010 allows significant system cost savings by
reducing the number of circuit board layers and
shielding that are traditionally required to pass EMI
regulations.
The P2010 uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented in a proprietary all-digital method.
The P2010 modulates the output of a single PLL in
order to “spread” the bandwidth of a synthesized
clock and, more importantly, decreases the peak
amplitudes of its harmonics. This results in
significantly lower system EMI compared to the
typical narrow band signal produced by oscillators
and most frequency generators. Lowering EMI by
increasing a signal’s bandwidth is called “spread
spectrum clock generation”.
Applications
The P2010 is targeted towards the embedded
controller market and PC peripheral markets
including scanners, facsimile, MFP’s, printers, PDA,
IA, and GPS devices.
Block Diagram


Similar Part No. - P2010A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
logo
PulseCore Semiconductor
P2010AF-08SR PULSECORE-P2010AF-08SR Datasheet
164Kb / 8P
Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2010AF-08SR ONSEMI-P2010AF-08SR Datasheet
111Kb / 7P
Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
logo
PulseCore Semiconductor
P2010AF-08ST PULSECORE-P2010AF-08ST Datasheet
164Kb / 8P
Low Frequency EMI Reduction IC
More results

Similar Description - P2010A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
Low Frequency EMI Reduction
P2005A ALSC-P2005A Datasheet
459Kb / 10P
Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
Low Frequency EMI Reduction IC
P2010A PULSECORE-P2010A Datasheet
164Kb / 8P
Low Frequency EMI Reduction IC
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
Low Frequency EMI Reduction
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
Low Frequency EMI Reduction
August, 2011 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com