Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2082A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # P2082A
Description  Low Cost Frequency Multiplier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2082A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  P2082A Datasheet HTML 1Page - Alliance Semiconductor Corporation P2082A Datasheet HTML 2Page - Alliance Semiconductor Corporation P2082A Datasheet HTML 3Page - Alliance Semiconductor Corporation P2082A Datasheet HTML 4Page - Alliance Semiconductor Corporation P2082A Datasheet HTML 5Page - Alliance Semiconductor Corporation P2082A Datasheet HTML 6Page - Alliance Semiconductor Corporation P2082A Datasheet HTML 7Page - Alliance Semiconductor Corporation P2082A Datasheet HTML 8Page - Alliance Semiconductor Corporation P2082A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
P2082A
October 2003
P2084A
rev 0.4
Low Cost Frequency Multiplier
2 of 9
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
XIN/CLKIN
I
Connect to crystal or clock input.
2
XOUT
I
Crystal output.
3
FS1
I
Digital logic input used to select input frequency range. (See Input
Frequency Selection.) This pin has an internal pull-up resistor.
4
LF
I
External loop filter for the PLL. (See Loop Filter Selection Table for value.)
5
VSS
P
Ground connection. Connect to system ground.
6
CLKOUT
O
Clock output.
7
FS0
I
Digital logic input used to select input frequency range. (See Input
Frequency Selection.) This pin has an internal pull-up resistor.
8
VDD
P
Connect to +3.3 V.
Input Frequency Selection
Output Frequency Scaling
FS1
FS0
Input (MHz)
P2082A
P2084A
0
0
3 to 9
6 to 18
12 to 36
0
1
10 to 19
20 to 38
40 to 76
1
0
20 to 38
40 to 76
80 to 152
1
1
39 to 78
78 to 156
156 to 312



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com