Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281A2IDBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA281A2IDBVR
Description  INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA281A2IDBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA281A2IDBVR Datasheet HTML 2Page - Texas Instruments INA281A2IDBVR Datasheet HTML 3Page - Texas Instruments INA281A2IDBVR Datasheet HTML 4Page - Texas Instruments INA281A2IDBVR Datasheet HTML 5Page - Texas Instruments INA281A2IDBVR Datasheet HTML 6Page - Texas Instruments INA281A2IDBVR Datasheet HTML 7Page - Texas Instruments INA281A2IDBVR Datasheet HTML 8Page - Texas Instruments INA281A2IDBVR Datasheet HTML 9Page - Texas Instruments INA281A2IDBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Common-Mode Voltage (V)
-20
0
20
40
60
80
100
120
-10
-5
0
5
10
15
20
25
VS = 5V
VS = 20V
VS = 2.7V
VS = 0V
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-10
-5
0
5
10
15
20
25
VS = 0V and 20V, VCM = -20V
VS = 0V and 20V, VCM = -20V
VS = 2.7 to 20V, VCM = 48V
VS = 2.7 to 20V, VCM = 120V
VS = 2.7 to 20V, VCM = -4V
VS = 0V, VCM = 120V
VS = 0V, VCM = -4V
Frequency (Hz)
-10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
10M
10
100
1k
10k
100k
1M
10M
G = 20
G = 50
G = 100
G = 200
G = 500
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-0.250
-0.125
0.000
0.125
0.250
G = 20
G = 50
G = 100
G = 200
G = 500
Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
-200
-100
0
100
200
G = 20
G = 50
G = 100
G = 200
G = 500
Frequency (Hz)
0
20
40
60
80
100
120
140
160
10
100
1k
10k
100k
1M
6
INA281
SBOSA29 – JUNE 2020
www.ti.com
Product Folder Links: INA281
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.6 Typical Characteristics
All specifications at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, VCM = VIN– = 48 V, unless otherwise noted.
Figure 1. Common-Mode Rejection Ratio vs Temperature
Figure 2. Common-Mode Rejection Ratio vs Frequency
Figure 3. Gain vs Frequency
Figure 4. Gain Error vs Temperature
VSENSE = 0 V
Figure 5. Input Bias Current vs Common-Mode Voltage
Figure 6. Input Bias Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com