Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281A2IDBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA281A2IDBVT
Description  INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA281A2IDBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA281A2IDBVT Datasheet HTML 6Page - Texas Instruments INA281A2IDBVT Datasheet HTML 7Page - Texas Instruments INA281A2IDBVT Datasheet HTML 8Page - Texas Instruments INA281A2IDBVT Datasheet HTML 9Page - Texas Instruments INA281A2IDBVT Datasheet HTML 10Page - Texas Instruments INA281A2IDBVT Datasheet HTML 11Page - Texas Instruments INA281A2IDBVT Datasheet HTML 12Page - Texas Instruments INA281A2IDBVT Datasheet HTML 13Page - Texas Instruments INA281A2IDBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Time (5 Ps/div)
0V
Supply Voltage
Output Voltage
Time (50 Ps/div)
0V
Supply Voltage
Output Voltage
10
INA281
SBOSA29 – JUNE 2020
www.ti.com
Product Folder Links: INA281
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Typical Characteristics (continued)
All specifications at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, VCM = VIN– = 48 V, unless otherwise noted.
Figure 25. Start-Up Response
Figure 26. Supply Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com