Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA281A3IDBVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA281A3IDBVT
Description  INA281, ??-V to 110-V, 1.3-MHz Current-Sense Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA281A3IDBVT Datasheet(HTML) 4 Page - Texas Instruments

  INA281A3IDBVT Datasheet HTML 1Page - Texas Instruments INA281A3IDBVT Datasheet HTML 2Page - Texas Instruments INA281A3IDBVT Datasheet HTML 3Page - Texas Instruments INA281A3IDBVT Datasheet HTML 4Page - Texas Instruments INA281A3IDBVT Datasheet HTML 5Page - Texas Instruments INA281A3IDBVT Datasheet HTML 6Page - Texas Instruments INA281A3IDBVT Datasheet HTML 7Page - Texas Instruments INA281A3IDBVT Datasheet HTML 8Page - Texas Instruments INA281A3IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
INA281
SBOSA29 – JUNE 2020
www.ti.com
Product Folder Links: INA281
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input range
–4
48
110
V
VS
Operating supply range
2.7
5
20
V
VSENSE
Differential sense input range
0
VS / G
V
TA
Ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
INA281
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance
184.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
105.6
°C/W
RθJB
Junction-to-board thermal resistance
47.2
°C/W
ΨJT
Junction-to-top characterization parameter
21.5
°C/W
ΨJB
Junction-to-board characterization parameter
46.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
Common-mode voltage at both VIN+ and VIN- must not exceed the specified common-mode input range.
6.5 Electrical Characteristics
at TA = 25 °C, VS = 5 V, VSENSE = VIN+ – VIN– = 0.5 V / Gain, VCM = VIN– = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range(1)
TA = –40 °C to +125 °C
–4
110
V
CMRR
Common-mode rejection ratio, input
referred
–4 V
≤ VCM ≤ 110 V, TA = –40 °C to
+125 °C
120
140
dB
f = 50 kHz
65
dB
Vos
Offset voltage, input referred
INA281x1
±100
±500
µV
INA281x2
±55
±300
INA281x3
±30
±250
INA281x4
±30
±200
INA281x5
±15
±150
dVos/dT
Offset voltage drift
TA = –40 ℃ to +125 ℃
±0.1
±1
µV/
℃
PSRR
Power supply rejection ratio, input
referred
2.7 V
≤ VS ≤ 20 V,
TA = –40 °C to +125 °C
±1.5
±10
µV/V
IB
Input bias current
IB+, VSENSE = 0 V
10
20
30
uA
IB–, VSENSE = 0 V
10
20
30
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com